Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3409 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3409
Description  P-FET Buck Controller for High-Power LED Drivers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3409 Fiches technique(HTML) 3 Page - Texas Instruments

  LM3409 Datasheet HTML 1Page - Texas Instruments LM3409 Datasheet HTML 2Page - Texas Instruments LM3409 Datasheet HTML 3Page - Texas Instruments LM3409 Datasheet HTML 4Page - Texas Instruments LM3409 Datasheet HTML 5Page - Texas Instruments LM3409 Datasheet HTML 6Page - Texas Instruments LM3409 Datasheet HTML 7Page - Texas Instruments LM3409 Datasheet HTML 8Page - Texas Instruments LM3409 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
UVLO
1
VCC
2
VIN
3
4
12
EN
11
IADJ
10
CSP
5
13
14
COFF
CSN
NC
NC
6
GND
9
8
PGATE
7
NC
NC
UVLO
1
CSP
2
VIN
3
4
8
COFF
7
EN
6
CSN
5
9
10
GND
PGATE
DAP
VCC
IADJ
3
LM3409, LM3409-Q1, LM3409HV, LM3409HV-Q1
www.ti.com
SNVS602L – MARCH 2009 – REVISED JUNE 2016
Product Folder Links: LM3409 LM3409-Q1 LM3409HV LM3409HV-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
5 Device Comparison Table
ORDERABLE
NUMBER
MAXIMUM INPUT
VOLTAGE (V)
AEC-Q100 GRADE 1
QUALIFIED
LM3409
42
N
LM3409-Q1
Y
LM3409HV
75
N
LM3409HV-Q1
Y
6 Pin Configuration and Functions
DGQ Package
10-Pin HVSSOP
Top View
NFF Package
14-Pin PDIP
Top View
Pin Functions
PIN
DESCRIPTION
NAME
PDIP
HVSSOP
UVLO
1
1
Input undervoltage lockout. Connect to a resistor divider from VIN and GND. Turn-on threshold is
1.24 V and hysteresis for turnoff is provided by a 22 µA current source.
IADJ
3
2
Analog LED current adjust. Apply a voltage from 0 to 1.24 V, connect a resistor to GND, or leave
open to set the current sense threshold voltage.
EN
4
3
Logic level enable and PWM dimming. Apply a voltage >1.74 V to enable device, a PWM signal to
dim, or a voltage < 0.5 V for low-power shutdown.
COFF
5
4
Off-time programming. Connect resistor from VO, capacitor to GND to set off-time.
GND
6
5
Connect to system ground.
PGATE
9
6
Gate drive. Connect to gate of external P-channel MOSFET.
CSN
10
7
Negative current sense. Connect to negative side of sense resistor.
CSP
11
8
Positive current sense. Connect to positive side of sense resistor (also to VIN).
VCC
12
9
VIN– referenced linear regulator output. Connect at least a 1-µF ceramic capacitor to VIN. The
regulator provides power for the P-channel MOSFET drive.
VIN
14
10
Input voltage. Connect to the input voltage.
Thermal pad
Connect to GND pin. Place 4 to 6 vias from thermal pad to GND plane.


Numéro de pièce similaire - LM3409

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3409 NSC-LM3409 Datasheet
996Kb / 30P
   PFET Buck Controller for High Power LED Drives
LM3409HVMY NSC-LM3409HVMY Datasheet
996Kb / 30P
   PFET Buck Controller for High Power LED Drives
LM3409HVMY NSC-LM3409HVMY Datasheet
1,003Kb / 30P
   PFET Buck Controller for High Power LED Drives
logo
Texas Instruments
LM3409HVMY/NOPB TI1-LM3409HVMY/NOPB Datasheet
1Mb / 43P
[Old version datasheet]   PFET Buck Controller for High Power LED Drivers
logo
National Semiconductor ...
LM3409HVMYX NSC-LM3409HVMYX Datasheet
996Kb / 30P
   PFET Buck Controller for High Power LED Drives
More results

Description similaire - LM3409

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3409MY-NOPB TI1-LM3409MY-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   PFET Buck Controller for High Power LED Drivers
logo
ON Semiconductor
CS51033 ONSEMI-CS51033_05 Datasheet
96Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 10
CS51031 ONSEMI-CS51031_05 Datasheet
95Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031 ONSEMI-CS51031_10 Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
logo
National Semiconductor ...
LM3409 NSC-LM3409_10 Datasheet
1,003Kb / 30P
   PFET Buck Controller for High Power LED Drives
LM3409 NSC-LM3409 Datasheet
996Kb / 30P
   PFET Buck Controller for High Power LED Drives
logo
Dialog Semiconductor
IW3616 DIALOG-IW3616 Datasheet
452Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
logo
Renesas Technology Corp
IW3614 RENESAS-IW3614 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
February 02, 2022
logo
Dialog Semiconductor
IW3623 DIALOG-IW3623 Datasheet
514Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3617 DIALOG-IW3617 Datasheet
471Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com