Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS49E_1311 Fiches technique(PDF) 5 Page - SEC Electronics Inc.

No de pièce SS49E_1311
Description  Linear Hall Effect Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECELECTRONICS [SEC Electronics Inc.]
Site Internet  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS49E_1311 Fiches technique(HTML) 5 Page - SEC Electronics Inc.

  SS49E_1311 Datasheet HTML 1Page - SEC Electronics Inc. SS49E_1311 Datasheet HTML 2Page - SEC Electronics Inc. SS49E_1311 Datasheet HTML 3Page - SEC Electronics Inc. SS49E_1311 Datasheet HTML 4Page - SEC Electronics Inc. SS49E_1311 Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SS49E
Linear Hall Effect Sensor
5
V3.10
Nov 1, 2013
Package SO, 3-Pin SOT-23:
SOT-23 Hall plate location
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS49EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/bag
SS49ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS49KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/bag
SS49KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS49LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/bag
SS49LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/ reel
0.56
0.66
0.95
0.80
1.50
1.40
Chip
3
2
1
Bottom View of SOT-23 Package
2.82
3.02
1.05
1.15
0.70
0.90
0.00
0.10
0.30
0.50
0.10
0.20
0.30
0.60
2.65
2.95
1.50
1.70
1.80
2.00
49ymm
3
2
1
Top View
Side View
End View
Notes:
1). PINOUT:
Pin 1VDD
Pin 2 Output
Pin 3 GND
2). All dimensions are in millimeters ;
Marking:
49 -- Code of Device (49E ) ;
y -- last 1 digit of year ;
mm -- Production Lot ;


Numéro de pièce similaire - SS49E_1311

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
SS49E-L HONEYWELL-ACC-SS49E-L Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
SS49E-T2 HONEYWELL-ACC-SS49E-T2 Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
SS49E-T3 HONEYWELL-ACC-SS49E-T3 Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
logo
SEC Electronics Inc.
SS49EUA SECELECTRONICS-SS49EUA Datasheet
100Kb / 4P
   Linear Hall Effect Sensor
More results

Description similaire - SS49E_1311

FabricantNo de pièceFiches techniqueDescription
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
   Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
   Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
   LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS695 SECELECTRONICS-SS695 Datasheet
222Kb / 4P
   Linear Hall Effect Sensor
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242 Datasheet
209Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS1302 SECELECTRONICS-SS1302 Datasheet
103Kb / 4P
   Linear Hall Effect Sensor
SS1302 SECELECTRONICS-SS1302_13 Datasheet
141Kb / 4P
   Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90242 MELEXIS-MLX90242_12 Datasheet
222Kb / 10P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com