Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM339DG4 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM339DG4
Description  Low-Power Low-Offset Voltage Quad Comparators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM339DG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM339DG4 Datasheet HTML 7Page - Texas Instruments LM339DG4 Datasheet HTML 8Page - Texas Instruments LM339DG4 Datasheet HTML 9Page - Texas Instruments LM339DG4 Datasheet HTML 10Page - Texas Instruments LM339DG4 Datasheet HTML 11Page - Texas Instruments LM339DG4 Datasheet HTML 12Page - Texas Instruments LM339DG4 Datasheet HTML 13Page - Texas Instruments LM339DG4 Datasheet HTML 14Page - Texas Instruments LM339DG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
www.ti.com
SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014
Feature Description (continued)
The amount of current which the output device can sink is limited by the drive available (which is independent of
V+) and the
β of this device. When the maximum current limit is reached (approximately 16 mA), the output
transistor will come out of saturation and the output voltage will rise very rapidly. The output saturation voltage is
limited by the approximately 60-
Ω RSAT of the output transistor. The low offset voltage of the output transistor (4
mV) allows the output to clamp essentially to ground level for small load currents.
7.4 Device Functional Modes
A basic comparator circuit is used for converting analog signals to a digital output. The output is HIGH when the
voltage on the non-inverting (+IN) input is greater than the inverting (-IN) input. The output is LOW when the
voltage on the noninverting (+IN) input is less than the inverting (-IN) input. The inverting input (-IN) is also
commonly referred to as the "reference" or "VREF" input.
All pins of any unused comparators should be tied to the negative supply.
The bias network of the LMx39-N series establishes a drain current which is independent of the magnitude of the
power supply voltage over the range of from 2 VDC to 30 VDC.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N


Numéro de pièce similaire - LM339DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM339DG4 TI-LM339DG4 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DG4 TI-LM339DG4 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DG4 TI1-LM339DG4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DG4 TI-LM339DG4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DG4 TI1-LM339DG4 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results

Description similaire - LM339DG4

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com