Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317LILPE3 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LM317LILPE3
Description  3-Terminal Adjustable Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LILPE3 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM317LILPE3 Datasheet HTML 6Page - Texas Instruments LM317LILPE3 Datasheet HTML 7Page - Texas Instruments LM317LILPE3 Datasheet HTML 8Page - Texas Instruments LM317LILPE3 Datasheet HTML 9Page - Texas Instruments LM317LILPE3 Datasheet HTML 10Page - Texas Instruments LM317LILPE3 Datasheet HTML 11Page - Texas Instruments LM317LILPE3 Datasheet HTML 12Page - Texas Instruments LM317LILPE3 Datasheet HTML 13Page - Texas Instruments LM317LILPE3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
VI
R1
Adjustment
Output
Input
LM317L
I
limit
1.25
R1
=
VO
R2 = 3 kW
1N4002
R3 =
820 W
−10 V
C1 = 0.1 µF
35 V
Adjustment
Output
Input
LM317L
R1 = 120 W
2
3
OUT
REF
1
R
R
V
V
1
10 V
R
æ
ö
+
=
+
-
ç
÷
è
ø
R1 =
470 W
D1
1N4002
C3 = 1 µF
C2 = 10 µF
R2 =
10 kW
VI
+
+
Adjustment
Output
Input
LM317L
VO
C1 =
0.1 µF
LM317L
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
www.ti.com
9.3 General Configurations
9.3.1 Regulator Circuit With Improved Ripple Rejection
C2 helps to stabilize the voltage at the adjustment pin, which will help reject noise. Diode D1 exists to discharge
C2 in case the output is shorted to ground.
Figure 3. Regulator Circuit With Improved Ripple Rejection
9.3.2 0-V to 30-V Regulator Circuit
In the 0-V to 30-V regulator circuit application, the output voltage is determined by Equation 4.
(4)
Figure 4. 0-V to 30-V Regulator Circuit
9.3.3 Precision Current-Limiter Circuit
This application will limit the output current to the ILIMIT shown in Figure 5.
Figure 5. Precision Current-Limiter Circuit
10
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM317L


Numéro de pièce similaire - LM317LILPE3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM317LILP TI1-LM317LILP Datasheet
936Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317LILPR TI1-LM317LILPR Datasheet
936Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Description similaire - LM317LILPE3

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com