Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317LCPWRE4 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM317LCPWRE4
Description  3-Terminal Adjustable Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LCPWRE4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM317LCPWRE4 Datasheet HTML 7Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 8Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 9Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 10Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 11Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 12Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 13Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 14Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
R1 =
470 Ω
R2 = 5.1 kΩ
C1 = 25 µF
2N2905
R3 = 50 kΩ
1N4002
VO = 15 V
VI
LM317L
Adjustment
Output
Input
R3 = 240 Ω
VI
C1 = 0.1 µF
C2 = 1 µF
Output
Adjust
VO
R2 = 1.5 kΩ
R1 = 470 Ω
LM317L
R4 = 2 kΩ
Adjustment
Output
Input
LM317L
Adjustment
Output
Input
LM317L
www.ti.com
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
General Configurations (continued)
9.3.4 Tracking Preregulator Circuit
The tracking preregulator circuit application keeps a constant voltage across the second LM317L in the circuit.
Figure 6. Tracking Preregulator Circuit
9.3.5 Slow-Turn On 15-V Regulator Circuit
The capacitor C1, in combination with the PNP transistor, helps the circuit to slowly start supplying voltage. In the
beginning, the capacitor is not charged. Therefore, output voltage will start at 1.9 V, as determined by
Equation 5. As the capacitor voltage rises, VOUT will rise at the same rate. When the output voltage reaches the
value determined by R1 and R2, the PNP will be turned off.
VC1 + VBE + 1.25 V = 0 V + 0.65 V + 1.25 V = 1.9 V
(5)
Figure 7. Slow-Turn On 15-V Regulator Circuit
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM317L


Numéro de pièce similaire - LM317LCPWRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM317LCPWR TI-LM317LCPWR Datasheet
278Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317LCPWR TI1-LM317LCPWR Datasheet
936Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Description similaire - LM317LCPWRE4

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com