Moteur de recherche de fiches techniques de composants électroniques |
|
74LVTH16245AZQLR Fiches technique(PDF) 2 Page - Texas Instruments |
|
74LVTH16245AZQLR Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 21 page www.ti.com GQL OR ZQL PACKAGE (TOP VIEW) J H G F E D C B A 2 1 3 4 6 5 K abc SN54LVTH16245A ,, SN74LVTH16245A 3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS143R – MAY 1992 – REVISED NOVEMBER 2006 ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING FBGA – GRD SN74LVTH16245AGRDR Reel of 1000 LL245A FBGA – ZRD (Pb-free) SN74LVTH16245AZRDR 74LVTH16245ADL Tube of 25 74LVTH16245ADLG4 SSOP – DL LVTH16245A 74LVTH16245ADLR Reel of 1000 74LVTH16245ADLRG4 –40 °C to 85°C SN74LVTH16245ADGGR TSSOP – DGG Reel of 2000 74LVTH16245ADGGRE4 LVTH16245A 74LVTH16245ADGGRG4 SN74LVTH16245ADGVR TVSOP – DGV Reel of 2000 LL245A 74LVTH16245ADGVRE4 VFBGA – GQL SN74LVTH16245AGQLR Reel of 1000 LL245A VFBGA – ZQL (Pb-free) 74LVTH16245AZQLR –55 °C to 125°C CFP – WD Tube SNJ54LVTH16245AWD SNJ54LVTH16245AWD (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. TERMINAL ASSIGNMENTS(1) (56-Ball GQL/ZQL Package) 1 2 3 4 5 6 A 1DIR NC NC NC NC 1OE B 1B2 1B1 GND GND 1A1 1A2 C 1B4 1B3 VCC VCC 1A3 1A4 D 1B6 1B5 GND GND 1A5 1A6 E 1B8 1B7 1A7 1A8 F 2B1 2B2 2A2 2A1 G 2B3 2B4 GND GND 2A4 2A3 H 2B5 2B6 VCC VCC 2A6 2A5 J 2B7 2B8 GND GND 2A8 2A7 K 2DIR NC NC NC NC 2OE abc abc (1) NC – No internal connection 2 Submit Documentation Feedback |
Numéro de pièce similaire - 74LVTH16245AZQLR |
|
Description similaire - 74LVTH16245AZQLR |