Moteur de recherche de fiches techniques de composants électroniques |
|
LM334SMX/NOPB Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
LM334SMX/NOPB Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 26 page LM134, LM234, LM334 SNVS746E – MARCH 2000 – REVISED MAY 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) V+ to V− Forward Voltage LM134/LM234/LM334 40V LM234-3/LM234-6 30V V+ to V− Reverse Voltage 20V R Pin to V− Voltage 5V Set Current 10 mA Power Dissipation 400 mW ESD Susceptibility(3) 2000V Operating Temperature Range(4) LM134 −55°C to +125°C LM234/LM234-3/LM234-6 −25°C to +100°C LM334 0°C to +70°C Soldering Information TO-92 Package (10 sec.) 260°C TO Package (10 sec.) 300°C SOIC Package Vapor Phase (60 sec.) 215°C Infrared (15 sec.) 220°C (1) “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (3) Human body model, 100pF discharged through a 1.5k Ω resistor. (4) For elevated temperature operation, TJ max is: LM134 150°C LM234 125°C LM334 100°C See Thermal Characteristics. Thermal Characteristics over operating free-air temperature range (unless otherwise noted) Thermal Resistance TO-92 TO SOIC-8 θja (Junction to Ambient) 180°C/W (0.4 ″ leads) 440°C/W 165°C/W 160°C/W (0.125 ″ leads) θjc (Junction to Case) N/A 32°C/W 80°C/W 2 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LM134 LM234 LM334 |
Numéro de pièce similaire - LM334SMX/NOPB |
|
Description similaire - LM334SMX/NOPB |