Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM34 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM34
Description  Precision Fahrenheit Temperature Sensors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM34 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM34_16 Datasheet HTML 7Page - Texas Instruments LM34_16 Datasheet HTML 8Page - Texas Instruments LM34_16 Datasheet HTML 9Page - Texas Instruments LM34_16 Datasheet HTML 10Page - Texas Instruments LM34_16 Datasheet HTML 11Page - Texas Instruments LM34_16 Datasheet HTML 12Page - Texas Instruments LM34_16 Datasheet HTML 13Page - Texas Instruments LM34_16 Datasheet HTML 14Page - Texas Instruments LM34_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LM34
www.ti.com
SNIS161D – MARCH 2000 – REVISED JANUARY 2016
7 Detailed Description
7.1 Overview
The LM34 series devices are precision integrated-circuit temperature sensors, whose output voltage is linearly
proportional to the Fahrenheit temperature. The LM34 device has an advantage over linear temperature sensors
calibrated in degrees Kelvin, because the user is not required to subtract a large constant voltage from its output
to obtain convenient Fahrenheit scaling. The LM34 device does not require any external calibration or trimming
to provide typical accuracies of ±1/2°F at room temperature and ±1-1
⁄2°F over a full −50°F to 300°F temperature
range. Lower cost is assured by trimming and calibration at the wafer level. The low output impedance, linear
output, and precise inherent calibration of the LM34 device makes interfacing to readout or control circuitry
especially easy. It can be used with single power supplies or with plus and minus supplies. Because the LM34
device draws only 75 µA from its supply, the device has very low self-heating, less than 0.2°F in still air.
The temperature sensing element is comprised of a simple base emitter junction that is forward biased by a
current source. The temperature sensing element is buffered by an amplifier and provided to the OUT pin. The
amplifier has a simple class-A output stage thus providing a low impedance output that can source 16
μA and
sink 1
μA.
The temperature sensing element is comprised of a delta-VBE architecture. The temperature sensing element is
then buffered by an amplifier and provided to the VOUT pin. The amplifier has a simple class A output stage with
typical 0.5-
Ω output impedance as shown in the Functional Block Diagram. Therefore, the LM34 device can only
source current and the sinking capability of the device is limited to 1 µA.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Capacitive Drive Capability
Like most micropower circuits, the LM34 device has a limited ability to drive heavy capacitive loads. The LM34
device, by itself, is able to drive 50 pF without special precautions. If heavier loads are anticipated, it is easy to
isolate or decouple the load with a resistor; see Figure 12. You can improve the tolerance of capacitance with a
series R-C damper from output to ground; see Figure 13. When the LM34 is applied with a 499-
Ω load resistor
(as shown Figure 18 and Figure 19), the device is relatively immune to wiring capacitance because the
capacitance forms a bypass from ground to input, not on the output. However, as with any linear circuit
connected to wires in a hostile environment, its performance can be affected adversely by intense
electromagnetic sources such as relays, radio transmitters, motors with arcing brushes, transients of the SCR,
and so on, as the wiring of the device can act as a receiving antenna and the internal junctions can act as
rectifiers. For best results in such cases, a bypass capacitor from VIN to ground and a series R-C damper, such
as 75
Ω in series with 0.2 μF or 1 μF from output to ground, are often useful. See Figure 23, Figure 24 and
Figure 26 for more details.
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM34


Numéro de pièce similaire - LM34_16

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
387Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401 TI-LM3401 Datasheet
1Mb / 27P
[Old version datasheet]   LM3401 Hysteretic PFET Controller for High Power LED Drive
LM3401 TI1-LM3401 Datasheet
549Kb / 23P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
LM3401 TI1-LM3401 Datasheet
1Mb / 27P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
401Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
More results

Description similaire - LM34_16

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
   Precision Fahrenheit Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
LM34 NSC-LM34_00 Datasheet
254Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Texas Instruments
LM34 TI1-LM34 Datasheet
508Kb / 23P
[Old version datasheet]   Precision Fahrenheit Temperature Sensors
LM34 TI-LM34_15 Datasheet
307Kb / 19P
[Old version datasheet]   LM34 Precision Fahrenheit Temperature Sensors
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
   Precision Wirewound Temperature Sensors
201907_002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com