Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SA8028 Datasheet(Fiches technique) 20 Page - NXP Semiconductors

Numéro de pièce SA8028
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
Télécharger  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 20 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2002 Feb 22
20
–800
–600
–400
–200
0
200
400
600
800
Icp
(
µA)
COMPLIANCE VOLTAGE (V)
SR02393
Iset = 204
µA
Iset = 163
µA
Iset = 81
µA
Iset = 204
µA
Iset = 163
µA
Iset = 81
µA
Figure 15.
PHP charge pump output vs. Iset
(CP = 10_3x, VDD = 3.0 V, Temp = 25 °C)
–600
–400
–200
0
200
400
600
Icp
(
µA)
COMPLIANCE VOLTAGE (V)
SR02392
–40C
+25C
+85C
Figure 16.
PHP charge pump output vs. temperature
(CP = 10_3x, VDD = 3.0 V, Iset = 163 µA)
–250
–200
–150
–100
–50
0
50
100
150
200
250
Icp
(
µA)
COMPLIANCE VOLTAGE (V)
SR02394
Iset = 204
µA
Iset = 204
µA
Iset = 163
µA
Iset = 163
µA
Iset = 81
µA
Iset = 81
µA
Figure 17.
PHP charge pump output vs. Iset
(CP = 11_1x, VDD = 3.0 V, Temp = 25 °C)
–200
–150
–100
–50
0
50
100
150
200
Icp
(
µA)
COMPLIANCE VOLTAGE (V)
SR02395
–40C
+25C
+85C
Figure 18.
PHP charge pump output vs. temperature
(CP = 11_1x, VDD = 3.0 V, Iset = 163 µA)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SA80272.5 GHz low voltage low power RF fractional-N/IF integer frequency synthesizer 1 2 3 4 5 MoreNXP Semiconductors
LMX248550 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum™ Frequency Synthesizers with 800 MHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor (TI)
LMX24873.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum™ Frequency Synthesizers with 3.0 GHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor (TI)
CX740382.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer 1 2 3 4 5 MoreSkyworks Solutions Inc.
MB15F8XULFractional-N / Integer dual PLL Frequency Synthesizers 1 2 3 4 5 MoreFujitsu Component Limited.
LMX23642.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer 1 2 3 4 5 MoreNational Semiconductor (TI)
SK-A29B0Frequency Range: 350.0 MHz to 1.7 GHz 1 2 Nel Frequency Controls,inc
CLY10GaAs FET Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz 1 2 3 4 5 MoreSiemens Semiconductor Group
MB15E07SRSingle Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler 1 2 3 4 5 MoreFujitsu Component Limited.
CX72301Spur-Free 1.0 GHz Dual Fractional-N Frequency Synthesizer 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl