Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SA8028 Datasheet(Fiches technique) 15 Page - NXP Semiconductors

Numéro de pièce SA8028
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
Télécharger  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 15 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2002 Feb 22
15
Table 6. Kn values for the fractional divider
〈A21〉
〈A20〉
〈A19〉
〈A18〉
〈A17〉
〈A16〉
〈A15〉
〈A14〉
〈A13〉
〈A12〉
〈A11〉
〈A10〉
〈A9〉
〈A8〉
〈A7〉
〈A6〉
〈A5〉
〈A4〉
〈A3〉
〈A2〉
〈A1〉
〈A0〉
Kn
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
2
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
3
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
4
1
0
1
1
0
1
0
1
0
0
0
1
0
0
1
0
1
0
1
1
1
0
2966702
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
4194302
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
4194303
2.4
B-word register
Table 7. B-word, length 24 bits
Last IN
<21>
<20>
<19>
<18>
<17>
<16>
<15>
<14>
<13>
<12>
<11>
<10>
<9>
<8>
<7>
<6>
<5>
<4>
<3>
<2>
<1>
<0>
Address
Reference divider ratio Rn
Reset
bit
Power Down
RF Divider integer ratio N
0
1
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
PDref
IF
RF
N8
N7
N6
N5
N4
N3
N2
N1
N0
Default:
0
0
0
1
0
1
0
0
0
1
0
1
1
0
0
1
1
0
1
1
0
0
B-word address
Fixed to 01
R-Divider
R0..R9, Reference divider values, see section “characteristics” for allowed divider ratios.
Reset bit
1
→ Pdref : powers down (=resets) the reference divider
Power-down
See Truth Table 9
N-Divider
Nn sets the integer part of the RF divider ratio, see section “characteristics” for allowed ratios.
2.4.1
The RF divider <B8:B0>
Programming the RF divider to obtain the desired VCO output frequency is done by programming the B-word followed by the A-word. The
integer divider bits N<8:0> are in the B-word, whereas the fractional divider bits Kn<22:1> are in the A-word. Allowable integer division ratios are
shown in Table 8. The N value, from Equation (2), is simply the whole number of times the reference frequency goes into the desired VCO
output frequency. Recall that the reference frequency for the RF loop is not reduced prior to the phase detector. In other words, the frequency at
the input of the REFin is the comparison frequency.
N
+
fVCO
f
ref
*
MODULO
fVCO
f
ref
f
ref
(2)
N
+ 900 MHz
19.68 MHz
*
MODULO
900 MHz
19.68 MHz
19.68 MHz
N
+ 45.7317073170...– 14.4
19.68
+ 45




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SA80272.5 GHz low voltage low power RF fractional-N/IF integer frequency synthesizer 1 2 3 4 5 MoreNXP Semiconductors
LMX248550 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum™ Frequency Synthesizers with 800 MHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor (TI)
LMX24873.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum™ Frequency Synthesizers with 3.0 GHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor (TI)
CX740382.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer 1 2 3 4 5 MoreSkyworks Solutions Inc.
MB15F8XULFractional-N / Integer dual PLL Frequency Synthesizers 1 2 3 4 5 MoreFujitsu Component Limited.
LMX23642.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer 1 2 3 4 5 MoreNational Semiconductor (TI)
SK-A29B0Frequency Range: 350.0 MHz to 1.7 GHz 1 2 Nel Frequency Controls,inc
CLY10GaAs FET Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz 1 2 3 4 5 MoreSiemens Semiconductor Group
MB15E07SRSingle Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler 1 2 3 4 5 MoreFujitsu Component Limited.
CX72301Spur-Free 1.0 GHz Dual Fractional-N Frequency Synthesizer 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl