Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXYP8N90C3D1 Fiches technique(PDF) 5 Page - IXYS Corporation

No de pièce IXYP8N90C3D1
Description  900V XPTTM IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP8N90C3D1 Fiches technique(HTML) 5 Page - IXYS Corporation

  IXYP8N90C3D1 Datasheet HTML 1Page - IXYS Corporation IXYP8N90C3D1 Datasheet HTML 2Page - IXYS Corporation IXYP8N90C3D1 Datasheet HTML 3Page - IXYS Corporation IXYP8N90C3D1 Datasheet HTML 4Page - IXYS Corporation IXYP8N90C3D1 Datasheet HTML 5Page - IXYS Corporation IXYP8N90C3D1 Datasheet HTML 6Page - IXYS Corporation IXYP8N90C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYA8N90C3D1
IXYP8N90C3D1
Fig. 12. Inductive Switching Energy Loss vs.
Gate Resistance
0.1
0.2
0.3
0.4
0.5
0.6
30
60
90
120
150
180
210
240
270
300
RG - Ohms
0
1
2
3
4
5
Eoff
Eon - - - -
TJ = 125ºC , VGE = 15V
VCE = 450V
I C = 8A
I C = 16A
Fig. 15. Inductive Turn-off Switching Times vs.
Gate Resistance
0
40
80
120
160
200
240
280
30
60
90
120
150
180
210
240
270
300
RG - Ohms
0
40
80
120
160
200
240
280
t f i
td(off) - - - -
TJ = 125ºC, VGE = 15V
VCE = 450V
I C = 16A
I C = 8A
Fig. 13. Inductive Switching Energy Loss vs.
Collector Current
0.10
0.15
0.20
0.25
0.30
0.35
0.40
8
9
10
11
12
13
14
15
16
IC - Amperes
0.0
0.4
0.8
1.2
1.6
2.0
2.4
Eoff
Eon - - - -
RG = 30ΩVGE = 15V
VCE = 450V
TJ = 125ºC
TJ = 25ºC
Fig. 14. Inductive Switching Energy Loss vs.
Junction Temperature
0.10
0.15
0.20
0.25
0.30
0.35
0.40
25
50
75
100
125
TJ - Degrees Centigrade
0.0
0.4
0.8
1.2
1.6
2.0
2.4
Eoff
Eon - - - -
RG = 30ΩVGE = 15V
VCE = 450V
IC = 8A
I C = 16A
Fig. 16. Inductive Turn-off Switching Times vs.
Collector Current
40
60
80
100
120
140
160
180
200
8
9
10
11
12
13
14
15
16
IC - Amperes
20
30
40
50
60
70
80
90
100
t f i
td(off) - - - -
RG = 30Ω, VGE = 15V
VCE = 450V
TJ = 125ºC
TJ = 25ºC
Fig. 17. Inductive Turn-off Switching Times vs.
Junction Temperature
40
60
80
100
120
140
160
180
200
220
25
50
75
100
125
TJ - Degrees Centigrade
20
30
40
50
60
70
80
90
100
110
t f i
td(off) - - - -
RG = 30Ω, VGE = 15V
VCE = 450V
I C = 8A
I C = 16A


Numéro de pièce similaire - IXYP8N90C3D1

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXYP8N90C3D1 IXYS-IXYP8N90C3D1 Datasheet
336Kb / 7P
   900V XPTTM IGBT
More results

Description similaire - IXYP8N90C3D1

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXYT80N90C3 IXYS-IXYT80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYP8N90C3D1 IXYS-IXYP8N90C3D1 Datasheet
336Kb / 7P
   900V XPTTM IGBT
IXYH80N90C3 IXYS-IXYH80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYY8N90C3 IXYS-IXYY8N90C3 Datasheet
178Kb / 6P
   900V XPTTM IGBT
IXYP8N90C3 IXYS-IXYP8N90C3 Datasheet
178Kb / 6P
   900V XPTTM IGBT
IXYK140N90C3 IXYS-IXYK140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
IXYX140N90C3 IXYS-IXYX140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
   XPTTM 600V IGBT
IXXH30N60B3 IXYS-IXXH30N60B3 Datasheet
223Kb / 6P
   XPTTM 600V IGBT
IXXH75N60C3D1 IXYS-IXXH75N60C3D1 Datasheet
193Kb / 7P
   XPTTM 600V IGBT
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com