Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXYH50N65C3 Fiches technique(PDF) 3 Page - IXYS Corporation

No de pièce IXYH50N65C3
Description  Preliminary Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH50N65C3 Fiches technique(HTML) 3 Page - IXYS Corporation

  IXYH50N65C3 Datasheet HTML 1Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 2Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 3Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 4Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 5Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYA50N65C3 IXYP50N65C3
IXYH50N65C3
Fig. 1. Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
70
00.5
11.5
22.5
3
VCE (V)
VGE = 15V
13V
12V
11V
6V
7V
9V
8V
10V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
40
80
120
160
200
240
280
0
5
10
15
20
25
30
VCE (V)
VGE = 15V
8V
7V
9V
11V
13V
12V
14V
10V
Fig. 3. Output Characteristics @ TJ = 150ºC
0
10
20
30
40
50
60
70
0.00.5
1.01.5
2.02.5
3.03.5
4.0
VCE - Volts
VGE = 15V
13V
11V
9V
7V
6V
5V
8V
10V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
175
TJ (ºC)
VGE = 15V
I C = 36A
I C = 18A
I C = 72A
Fig. 5. Collector-to-Emitter Voltage vs.
Gate-to-Emitter Voltage
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
7
8
9
1011
12131415
VGE (V)
I C = 72A
TJ = 25ºC
36A
18A
Fig. 6. Input Admittance
0
10
20
30
40
50
60
70
80
90
100
456
789
10
VGE (V)
TJ = 150ºC
25ºC
- 40ºC


Numéro de pièce similaire - IXYH50N65C3

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXYH50N65C3 IXYS-IXYH50N65C3 Datasheet
269Kb / 6P
   Preliminary Technical Information
IXYH50N65C3 IXYS-IXYH50N65C3 Datasheet
269Kb / 6P
   Preliminary Technical Information
IXYH50N65C3D1 IXYS-IXYH50N65C3D1 Datasheet
186Kb / 7P
   Optimized for 20-60kHz Switching
IXYH50N65C3H1 IXYS-IXYH50N65C3H1 Datasheet
249Kb / 8P
   Optimized for 20-60kHz Switching
More results

Description similaire - IXYH50N65C3

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com