Moteur de recherche de fiches techniques de composants électroniques |
|
IXXN200N60C3H1 Fiches technique(PDF) 2 Page - IXYS Corporation |
|
IXXN200N60C3H1 Fiches technique(HTML) 2 Page - IXYS Corporation |
2 / 7 page IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions. IXXN200N60C3H1 IXYS MOSFETs and IGBTs are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 B1 6,683,344 6,727,585 7,005,734 B2 7,157,338B2 by one or more of the following U.S. patents: 4,860,072 5,017,508 5,063,307 5,381,025 6,259,123 B1 6,534,343 6,710,405 B2 6,759,692 7,063,975 B2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 B1 6,583,505 6,710,463 6,771,478 B2 7,071,537 Notes: 1. Pulse test, t ≤ 300μs, duty cycle, d ≤ 2%. 2. Switching times & energy losses may increase for higher V CE(Clamp), TJ or RG. Reverse Sonic Diode (FRD) Symbol Test Conditions Characteristic Values (T J = 25°C Unless Otherwise Specified) Min. Typ. Max. V F I F = 100A, VGE = 0V, Note 1 2.5 V T J = 150°C 2.3 V I RM 95 A t rr 100 ns R thJC 0.70 °C/W I F = 100A, VGE = 0V, T J = 150°C -d i F/dt = 1500A/μs, VR = 300V SOT-227B miniBLOC (IXXN) Symbol Test Conditions Characteristic Values (T J = 25°C Unless Otherwise Specified) Min. Typ. Max. g fs I C = 60A, VCE = 10V, Note 1 20 35 S C ies 9900 pF C oes V CE = 25V, VGE = 0V, f = 1MHz 570 pF C res 185 pF Q g(on) 315 nC Q ge I C = 200A, VGE = 15V, VCE = 0.5 • VCES 134 nC Q gc 98 nC t d(on) 47 ns t ri 100 ns E on 3.0 mJ t d(off) 125 ns t fi 80 ns E off 1.7 2.6 mJ t d(on) 47 ns t ri 96 ns E on 4.0 mJ t d(off) 150 ns t fi 90 ns E off 2.1 mJ R thJC 0.16 °C/W R thCS 0.05 °C/W Inductive load, T J = 150°C I C = 100A, VGE = 15V V CE = 360V, RG = 1Ω Note 2 Inductive load, T J = 25°C I C = 100A, VGE = 15V V CE = 360V, RG = 1Ω Note 2 PRELIMANARY TECHNICAL INFORMATION The product presented herein is under development. The Technical Specifications offered are derived from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right to change limits, test conditions, and dimensions without notice. |
Numéro de pièce similaire - IXXN200N60C3H1 |
|
Description similaire - IXXN200N60C3H1 |