Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXXN200N60B3 Fiches technique(PDF) 1 Page - IXYS Corporation

No de pièce IXXN200N60B3
Description  Preliminary Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXN200N60B3 Fiches technique(HTML) 1 Page - IXYS Corporation

  IXXN200N60B3 Datasheet HTML 1Page - IXYS Corporation IXXN200N60B3 Datasheet HTML 2Page - IXYS Corporation IXXN200N60B3 Datasheet HTML 3Page - IXYS Corporation IXXN200N60B3 Datasheet HTML 4Page - IXYS Corporation IXXN200N60B3 Datasheet HTML 5Page - IXYS Corporation IXXN200N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
XPTTM 600V IGBT
GenX3TM
V
CES
= 600V
I
C110
= 160A
V
CE(sat)
≤≤≤≤≤ 1.7V
t
fi(typ)
= 110ns
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
600
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C (Chip Capability )
280
A
I
LRMS
Leads Current Limit
200
A
I
C110
T
C
= 110°C
160
A
I
CM
T
C
= 25°C, 1ms
1000
A
I
A
T
C
= 25°C
100
A
E
AS
T
C
= 25°C
1
J
SSOA
V
GEC= 15V, TVJ = 150°C, RG = 1Ω
I
CM = 400
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
t
sc
V
GE = 15V, VCE = 360V, TJ = 150°C
10
μs
(SCSOA)
R
G
= 10
Ω, Non Repetitive
P
C
T
C
= 25°C
940
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
V
ISOL
50/60Hz
t = 1min
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
M
d
Mounting Torque
1.5/13
Nm/lb.in.
Terminal Connection Torque
1.3/11.5
Nm/lb.in.
Weight
30
g
DS100453A(02/13)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
600
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
3.5
6.0
V
I
CES
V
CE = VCES, VGE = 0V
50
μA
T
J = 150°C
3 mA
I
GES
V
CE = 0V, VGE = ±20V
±200
nA
V
CE(sat)
I
C
= 100A, V
GE = 15V, Note 1
1.40
1.70
V
T
J = 150°C
1.58
V
Features
Optimized for Low Conduction and
Switching Losses
miniBLOC, with Aluminium Nitride
Isolation
International Standard Package
Isolation Voltage 2500V~
Optimized for 10-30kHz Switching
Square RBSOA
Avalanche Rated
Short Circuit Capability
High Current Handling Capability
Advantages
High Power Density
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Extreme Light Punch Through
IGBT for 10-30kHz Switching
IXXN200N60B3
SOT-227B, miniBLOC
G = Gate, C = Collector, E = Emitter
either emitter terminal can be used as
Main or Kelvin Emitter
G
E
E
C
E153432
E
Preliminary Technical Information


Numéro de pièce similaire - IXXN200N60B3

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
More results

Description similaire - IXXN200N60B3

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com