Moteur de recherche de fiches techniques de composants électroniques |
|
LM2743 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
LM2743 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 41 page 100 mV/div 100 Ps/DIV 5V/div VOUT VIN 100mV/div 100 Ps/DIV 5V/div VIN VOUT 20mV/div 100 Ps/DIV 2A/div VOUT IOUT 20 mV/div 40 Ps/DIV 2A/div VOUT IOUT 50 mV/div 40 Ps/DIV 2A/div VOUT IOUT LM2743 www.ti.com SNVS276H – APRIL 2004 – REVISED OCTOBER 2015 Typical Characteristics (continued) IOUT = 0 A to 4 A VCC = 3.3 V VIN = 5 V VCC = 3.3 V VIN = 5V VOUT = 1.2V VOUT = 1.2 V CSS = 12nF fSW = 300 kHz CSS = 12 nF fSW = 300 kHz Figure 14. Load Transient Response Figure 13. Start-Up (No-Load) IOUT = 4 A to 0 A VCC = 3.3 V VIN = 5 V VCC = 3.3 V VIN = 5 V VOUT = 1.2 V VOUT = 1.2 V CSS = 12 nF fSW = 300 kHz CSS = 12 nF fSW = 300 kHz Figure 15. Load Transient Response Figure 16. Load Transient Response VIN = 3 V to 9 V VCC = 3.3 V VOUT = 1.2 V VIN = 9 V to 3 V VCC = 3.3 V VOUT = 1.2 V Line () , IOUT = 2 A fSW = 300 kHz IOUT = 2 A fSW = 300 kHz Figure 17. Line Transient Response Figure 18. Transient Response Copyright © 2004–2015, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LM2743 |
Numéro de pièce similaire - LM2743 |
|
Description similaire - LM2743 |