Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2619 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce LM2619
Description  500-mA Sub-Miniature Step-Down DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2619 Fiches technique(HTML) 5 Page - Texas Instruments

  LM2619_15 Datasheet HTML 1Page - Texas Instruments LM2619_15 Datasheet HTML 2Page - Texas Instruments LM2619_15 Datasheet HTML 3Page - Texas Instruments LM2619_15 Datasheet HTML 4Page - Texas Instruments LM2619_15 Datasheet HTML 5Page - Texas Instruments LM2619_15 Datasheet HTML 6Page - Texas Instruments LM2619_15 Datasheet HTML 7Page - Texas Instruments LM2619_15 Datasheet HTML 8Page - Texas Instruments LM2619_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
100
200
300
400
500
OUTPUT CURRENT (mA)
VCON = 0V
SYNC = VIN
VIN = 4.2V
VIN = 2.8V
VIN = 3.6V
LM2619
www.ti.com
SNVS212B – NOVEMBER 2002 – REVISED MAY 2013
Typical Performance Characteristics (continued)
LM2619ATL, Circuit of Figure 3, VIN = 3.6V, TA = 25°C, unless otherwise noted.
Output Voltage vs Output Current
Output Voltage vs Output Current
(VOUT = 3.6V, PWM MODE)
(VOUT = 3.6V, PWM MODE)
(Circuit in Figure 20)
(Circuit in Figure 20)
Figure 12.
Figure 13.
Switching Frequency vs Temperature
Feedback Bias Current vs Temperature
(Circuit in Figure 3, PWM MODE)
(Circuit in Figure 3)
Figure 14.
Figure 15.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2619


Numéro de pièce similaire - LM2619_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2619ATL NSC-LM2619ATL Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619ATL NSC-LM2619ATL Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619ATLX NSC-LM2619ATLX Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619ATLX NSC-LM2619ATLX Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
More results

Description similaire - LM2619_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619 NSC-LM2619 Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
ON Semiconductor
NCP1511 ONSEMI-NCP1511 Datasheet
162Kb / 16P
   Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter
January, 2005 ??Rev. 5
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Texas Instruments
LM3218SEE TI1-LM3218SEE Datasheet
4Mb / 18P
[Old version datasheet]   LM3218 650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com