Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXXH30N60C3 Fiches technique(PDF) 2 Page - IXYS Corporation

No de pièce IXXH30N60C3
Description  XPTTM 600V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXH30N60C3 Fiches technique(HTML) 2 Page - IXYS Corporation

  IXXH30N60C3 Datasheet HTML 1Page - IXYS Corporation IXXH30N60C3 Datasheet HTML 2Page - IXYS Corporation IXXH30N60C3 Datasheet HTML 3Page - IXYS Corporation IXXH30N60C3 Datasheet HTML 4Page - IXYS Corporation IXXH30N60C3 Datasheet HTML 5Page - IXYS Corporation IXXH30N60C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXXH30N60C3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 24A, VCE = 10V, Note 1
8
14
S
C
ies
1185
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
76
pF
C
res
25
pF
Q
g(on)
37
nC
Q
ge
I
C = 24A, VGE = 15V, VCE = 0.5 • VCES
10
nC
Q
gc
15
nC
t
d(on)
23
ns
t
ri
33
ns
E
on
0.50
mJ
t
d(off)
77
125
ns
t
fi
32
ns
E
off
0.27
0.45
mJ
t
d(on)
22
ns
t
ri
35
ns
E
on
1.13
mJ
t
d(off)
88
ns
t
fi
78
ns
E
off
0.40
mJ
R
thJC
0.55 °C/W
R
thCS
0.21
°C/W
Inductive load, T
J = 25°C
I
C = 24A, VGE = 15V
V
CE = 400V, RG = 10
Note 2
Inductive load, T
J = 150°C
I
C = 24A, VGE = 15V
V
CE = 400V, RG = 10
Note 2
1 - Gate
2,4 - Collector
3 - Emitter
TO-247 Outline


Numéro de pièce similaire - IXXH30N60C3

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXXH30N60C3D1 IXYS-IXXH30N60C3D1 Datasheet
241Kb / 7P
   XPTTM 600V IGBT
More results

Description similaire - IXXH30N60C3

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXXH30N60B3 IXYS-IXXH30N60B3 Datasheet
223Kb / 6P
   XPTTM 600V IGBT
IXXH75N60C3D1 IXYS-IXXH75N60C3D1 Datasheet
193Kb / 7P
   XPTTM 600V IGBT
IXXH75N60B3D1 IXYS-IXXH75N60B3D1 Datasheet
192Kb / 7P
   XPTTM 600V IGBT
IXXN100N60B3H1 IXYS-IXXN100N60B3H1 Datasheet
217Kb / 7P
   XPTTM 600V IGBT
IXXH30N60C3D1 IXYS-IXXH30N60C3D1 Datasheet
241Kb / 7P
   XPTTM 600V IGBT
IXXH50N60B3D1 IXYS-IXXH50N60B3D1 Datasheet
244Kb / 7P
   XPTTM 600V IGBT
IXXR100N60B3H1 IXYS-IXXR100N60B3H1 Datasheet
232Kb / 7P
   XPTTM 600V IGBT
IXXH30N60B3D1 IXYS-IXXH30N60B3D1 Datasheet
199Kb / 7P
   XPTTM 600V IGBT GenX3TM w/ Diode
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com