Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHCT540PWR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHCT540PWR
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT540PWR Fiches technique(HTML) 1 Page - Texas Instruments

  SN74AHCT540PWR Datasheet HTML 1Page - Texas Instruments SN74AHCT540PWR Datasheet HTML 2Page - Texas Instruments SN74AHCT540PWR Datasheet HTML 3Page - Texas Instruments SN74AHCT540PWR Datasheet HTML 4Page - Texas Instruments SN74AHCT540PWR Datasheet HTML 5Page - Texas Instruments SN74AHCT540PWR Datasheet HTML 6Page - Texas Instruments SN74AHCT540PWR Datasheet HTML 7Page - Texas Instruments SN74AHCT540PWR Datasheet HTML 8Page - Texas Instruments SN74AHCT540PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE1
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
SN74AHCT540 . . . DB, DGV, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
Y1
Y2
Y3
Y4
Y5
A3
A4
A5
A6
A7
SN54AHCT540 . . . FK PACKAGE
(TOP VIEW)
SN54AHCT540 . . . J OR W PACKAGE
SN54AHCT540
SN74AHCT540
www.ti.com
SCLS268M – OCTOBER 1995 – REVISED JUNE 2013
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Check for Samples: SN54AHCT540, SN74AHCT540
1
FEATURES
Inputs Are TTL-Voltage Compatible
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
DESCRIPTION
The ’AHCT540 octal buffers/drivers are ideal for
driving bus lines or buffer memory address registers.
These devices feature inputs and outputs on opposite
sides of the package to facilitate printed circuit board
layout.
The 3-state control gate is a two-input AND gate with
active-low inputs so that if either output-enable (OE1
or OE2) input is high, all corresponding outputs are in
the
high-impedance
state.
The
outputs
provide
inverted data when they are not in the high-
impedance state.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
driver.
FUNCTION TABLE
(EACH BUFFER/DRIVER)
INPUTS
OUTPUT
Y
OE1
OE2
A
L
L
L
H
L
L
H
L
H
X
X
Z
X
H
X
Z
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - SN74AHCT540PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT540PWR TI-SN74AHCT540PWR Datasheet
556Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT540PWR TI-SN74AHCT540PWR Datasheet
729Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT540PWRE4 TI-SN74AHCT540PWRE4 Datasheet
556Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74AHCT540PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com