Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AHC244PWRG4 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
SN74AHC244PWRG4 Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 31 page Vcc Unused Input Input Output Input Unused Input Output AC HC AHC SN54AHC244, SN74AHC244 www.ti.com SCLS226K – OCTOBER 1995 – REVISED JULY 2014 Typical Application (continued) 10.2.3 Application Curves Figure 6. Switching Characteristics Comparison 11 Power Supply Recommendations The power supply can be any voltage between the MIN and MAX supply voltage rating located in the Recommended Operating Conditions table. Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single supply, 0.1 μf is recommended; if there are multiple VCC pins, then 0.01 μf or 0.022 μf is recommended for each power pin. It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1 μf and a 1 μf are commonly used in parallel. The bypass capacitor should be installed as close to the power pin as possible for best results. 12 Layout 12.1 Layout Guidelines When using multiple-bit logic devices, inputs should never float. In many cases, functions or parts of functions of digital logic devices are unused, for example, when only two inputs of a triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such input pins should not be left unconnected because the undefined voltages at the outside connections result in undefined operational states. Figure 7 specifies the rules that must be observed under all circumstances. All unused inputs of digital logic devices must be connected to a high or low bias to prevent them from floating. The logic level that should be applied to any particular unused input depends on the function of the device. Generally they will be tied to GND or VCC, whichever makes more sense or is more convenient. It is generally acceptable to float outputs, unless the part is a transceiver. If the transceiver has an output enable pin, it will disable the output section of the part when asserted. This will not disable the input section of the I/Os, so they cannot float when disabled. 12.2 Layout Example Figure 7. Layout Diagram Copyright © 1995–2014, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: SN54AHC244 SN74AHC244 |
Numéro de pièce similaire - SN74AHC244PWRG4 |
|
Description similaire - SN74AHC244PWRG4 |