Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHC245DWRG4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce SN74AHC245DWRG4
Description  SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC245DWRG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74AHC245DWRG4 Datasheet HTML 2Page - Texas Instruments SN74AHC245DWRG4 Datasheet HTML 3Page - Texas Instruments SN74AHC245DWRG4 Datasheet HTML 4Page - Texas Instruments SN74AHC245DWRG4 Datasheet HTML 5Page - Texas Instruments SN74AHC245DWRG4 Datasheet HTML 6Page - Texas Instruments SN74AHC245DWRG4 Datasheet HTML 7Page - Texas Instruments SN74AHC245DWRG4 Datasheet HTML 8Page - Texas Instruments SN74AHC245DWRG4 Datasheet HTML 9Page - Texas Instruments SN74AHC245DWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SN54AHC245, SN74AHC245
SCLS230J – OCTOBER 1995 – REVISED JULY 2014
www.ti.com
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
SN54AHC245
SN74AHC245
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
1.9
2
1.9
1.9
IOH = –50 µA
3 V
2.9
3
2.9
2.9
VOH
4.5 V
4.4
4.5
4.4
4.4
V
IOH = –4 mA
3 V
2.58
2.48
2.48
IOH = –8 mA
4.5 V
3.94
3.8
3.8
2 V
0.1
0.1
0.1
IOL = 50 µA
3 V
0.1
0.1
0.1
VOL
4.5 V
0.1
0.1
0.1
V
IOL = 4 mA
3 V
0.36
0.5
0.44
IOL = 8 mA
4.5 V
0.36
0.5
0.44
A or B inputs
5.5 V
±0.1
±1
±1
II
VI = VCC or GND
µA
OE or DIR
0 V to 5.5 V
±0.1
±1(1)
±1
VO = VCC or GND,
IOZ
(2)
5.5 V
±0.25
±2.5
±2.5
µA
VI (OE) = VIL or VIH
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
40
µA
Ci
OE or DIR
VI = VCC or GND
5 V
2.5
10
10
pF
Cio
A or B inputs
VI = VCC or GND
5 V
4
pF
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
(2)
The parameter IOZ includes the input leakage current.
7.6 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = 25°C
SN54AHC245
SN74AHC245
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
5.8(1)
8.4(1)
1(1)
10(1)
1
10
A or B
B or A
CL = 15 pF
ns
tPHL
5.8(1)
8.4(1)
1(1)
10(1)
1
10
tPZH
8.5(1)
13.2(1)
1(1)
15.5(1)
1
15.5
OE
A or B
CL = 15 pF
ns
tPZL
8.5(1)
13.2(1)
1(1)
15.5(1)
1
15.5
tPHZ
8.9(1)
12.5(1)
1(1)
15.5(1)
1
15.5
OE
A or B
CL = 15 pF
ns
tPLZ
8.9(1)
12.5(1)
1(1)
15.5(1)
1
15.5
tPLH
8.3
11.9
1
13.5
1
13.5
A or B
B or A
CL = 50 pF
ns
tPHL
8.3
11.9
1
13.5
1
13.5
tPZH
11
16.7
1
19
1
19
OE
A or B
CL = 50 pF
ns
tPZL
11
16.7
1
19
1
19
tPHZ
11.5
15.8
1
18
1
18
OE
A or B
CL = 50 pF
ns
tPLZ
11.5
15.8
1
18
1
18
tsk(o)
CL = 50 pF
1.5(2)
1.5
ns
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(2)
On products compliant to MIL-PRF-38535, this parameter does not apply.
6
Submit Documentation Feedback
Copyright © 1995–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHC245 SN74AHC245


Numéro de pièce similaire - SN74AHC245DWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC245DWRG4 TI-SN74AHC245DWRG4 Datasheet
755Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74AHC245DWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54AHC245 TI-SN54AHC245_V03 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHC245 TI-SN54AHC245_V02 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHC245 TI-SN54AHC245_V01 Datasheet
2Mb / 36P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com