Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLYZ022 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce SLYZ022
Description  SNx4AHC244 Octal Buffers/Drivers With 3-State Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SLYZ022 Fiches technique(HTML) 5 Page - Texas Instruments

  SLYZ022 Datasheet HTML 1Page - Texas Instruments SLYZ022 Datasheet HTML 2Page - Texas Instruments SLYZ022 Datasheet HTML 3Page - Texas Instruments SLYZ022 Datasheet HTML 4Page - Texas Instruments SLYZ022 Datasheet HTML 5Page - Texas Instruments SLYZ022 Datasheet HTML 6Page - Texas Instruments SLYZ022 Datasheet HTML 7Page - Texas Instruments SLYZ022 Datasheet HTML 8Page - Texas Instruments SLYZ022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
SN54AHC244, SN74AHC244
www.ti.com
SCLS226K – OCTOBER 1995 – REVISED JULY 2014
7.4 Thermal Information
SN74AHCT244
THERMAL METRIC(1)
DB
DGV
DW
N
NS
PW
UNIT
20 PINS
20 PINS
20 PINS
20 PINS
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
99.9
119.2
83.0
54.9
80.4
105.4
RθJC(top)
Junction-to-case (top) thermal resistance
61.7
34.5
48.9
41.7
46.9
39.5
RθJB
Junction-to-board thermal resistance
55.2
60.7
50.5
35.8
47.9
56.4
°C/W
ψJT
Junction-to-top characterization parameter
22.6
1.2
21.1
27.9
19.9
3.1
ψJB
Junction-to-board characterization parameter
54.8
60.0
50.1
35.7
47.5
55.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
n/a
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
SN54AHC244
SN74AHC244
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
1.9
2
1.9
1.9
IOH = –50 µA
3 V
2.9
3
2.9
2.9
VOH
4.5 V
4.4
4.5
4.4
4.4
V
IOH = –4 mA
3 V
2.58
2.48
2.48
IOH = –8 mA
4.5 V
3.94
3.8
3.8
2 V
0.1
0.1
0.1
IOL = 50 µA
3 V
0.1
0.1
0.1
VOL
4.5 V
0.1
0.1
0.1
V
IOL = 4 mA
3 V
0.36
0.5
0.44
IOL = 8 mA
4.5 V
0.36
0.5
0.44
0 V to 5.5
II
VI = 5.5 V or GND
±0.1
±1(1)
±1
µA
V
VO = VCC or GND,
IOZ
5.5 V
±0.25
±2.5
±2.5
µA
VI (OE) = VIL or VIH
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
40
µA
Ci
VI = VCC or GND
5 V
2
10
10
pF
Co
VO = VCC or GND
5 V
3.5
pF
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54AHC244 SN74AHC244


Numéro de pièce similaire - SLYZ022

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 27P
[Old version datasheet]   MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LVCH16652A 16-Bit Bus Transceiver and Register with 3-State Outputs
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 36P
[Old version datasheet]   xx555 Precision Timers
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 24P
[Old version datasheet]   SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs
SLYZ022 TI1-SLYZ022 Datasheet
2Mb / 32P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
More results

Description similaire - SLYZ022

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com