Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2506 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LM2506
Description  Low Power Mobile Pixel Link
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2506 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM2506 Datasheet HTML 6Page - Texas Instruments LM2506 Datasheet HTML 7Page - Texas Instruments LM2506 Datasheet HTML 8Page - Texas Instruments LM2506 Datasheet HTML 9Page - Texas Instruments LM2506 Datasheet HTML 10Page - Texas Instruments LM2506 Datasheet HTML 11Page - Texas Instruments LM2506 Datasheet HTML 12Page - Texas Instruments LM2506 Datasheet HTML 13Page - Texas Instruments LM2506 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
DES Outputs
(RGB, VS, HS, DE)
tSET
~2MCcyc
PE Pulse High if
error is detected
VDDIO
0V
DES PCLK
Output
DES PE
Output
tHOLD
~1MCcyc
VDDIO
0V
VDDIO
0V
LM2506
SNLS186B – AUGUST 2006 – REVISED MAY 2013
www.ti.com
Parity Error Output
Parity Status is output as a pulse on the Parity Error (PE) output pin (DES) whenever there is a parity error.
These pulses could be counted or used by various diagnostic equipment. PE is a high going pulse that is 3 MC
cycles long for each frame containing an error. The PCLK output can be used to sample the PE bit. SET time is
nominally 2 MC cycles and a HOLD time of 1 MC cycle. The serial PE bit is Odd Parity and is based on the
RGB, and Control (VS, HS, DE) bits only. See Figure 10.
Figure 10. PE Output Timing
SYNCHRONIZATION DETECT AND RECOVERY
If a data error or clock slip error occurs over the MPL link, the LM2506 can detect this condition and recover from
it. The method chosen is a data transparent method, and has very little overhead because it does not use a data
expansion coding method. For the 18-bit color transaction (or frame), it uses two bits that are already required in
the 6-MC cycle transaction. Since double-edge clocking is used with two data signals, adding one clock cycle to
the transaction actually adds four bits. One of these bits is absolutely required - data enable - thus the others are
allocated to Parity and the frame sequence (F[1:0]). Therefore total overhead for each pixel is 3/24 or 12.5% in
18-bit RGB mode.
HOST SIDE FUNCTION
The LM2506 in serializer mode simply increments the two bit field F[1:0] on every pixel or frame transmitted.
Therefore every four frames, the pattern will repeat. It is very unlikely that this pattern would be found within the
payload data, and if it were found, the probability that it would repeat for many frames becomes infinitely small.
DISPLAY SIDE FUNCTION
The LM2506 in deserializer mode, upon a normal power up sequence, starts in the proper synchronization. It
looks for the incrementing pattern for N (N = 4 or 8) pixels (frames) and finding it, starts to output the pixel gray
scale data and timing signals.
If a random bit error occurs in the F[1:0] field, the hysteresis counter decrements by one, but the chip continues
to output data normally. The next frame will likely recover, incrementing the hysteresis counter back to the
maximum and things will continue normally. Likewise if a random bit error occurs in the gray scale data, it only
effects that bit and transmission will continue normally on the next frame (pixel). The worst case data bit error
would cause a one pixel wide glitch in the HS, VS or DE signals. This would likely cause a visible jump in the
display, but it would recover in a maximum of one display frame time. (typically under 20mS)
If however, a clock slip or error occurs, the next N frames will be bad and the F[1:0] field will not be detected
properly for each frame after the clock error. In this case, the hysteresis counter will decrement to zero quickly
(again where N=4 or 8 pixels). This action shuts down the output data (output PCLK held Low), and initiates a
search function for the incrementing sequence.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2506


Numéro de pièce similaire - LM2506

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25061PMM-1 NSC-LM25061PMM-1 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061PMM-1/NOPB TI1-LM25061PMM-1/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
More results

Description similaire - LM2506

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
   Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
   Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
logo
Texas Instruments
DS90C187 TI1-DS90C187_14 Datasheet
945Kb / 28P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C187 TI-DS90C187 Datasheet
1Mb / 21P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
logo
National Semiconductor ...
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
logo
Texas Instruments
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM4308GR_NOPB TI1-LM4308GR_NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25