Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM320C31 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce SM320C31
Description  DIGITAL SIGNAL PROCESSORS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C31 Fiches technique(HTML) 2 Page - Texas Instruments

  SM320C31 Datasheet HTML 1Page - Texas Instruments SM320C31 Datasheet HTML 2Page - Texas Instruments SM320C31 Datasheet HTML 3Page - Texas Instruments SM320C31 Datasheet HTML 4Page - Texas Instruments SM320C31 Datasheet HTML 5Page - Texas Instruments SM320C31 Datasheet HTML 6Page - Texas Instruments SM320C31 Datasheet HTML 7Page - Texas Instruments SM320C31 Datasheet HTML 8Page - Texas Instruments SM320C31 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
SMJ320C31, SMJ320LC31, SMQ320LC31
DIGITAL SIGNAL PROCESSORS
SGUS026G − APRIL 1998 − REVISED SEPTEMBER 2006
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description (continued)
The SMJ320C3x internal busing and special digital-signal-processing instruction set have the speed and
flexibility to execute up to 60 MFLOPS. The SMJ320C3x optimizes speed by implementing functions in
hardware that other processors implement through software or microcode. This hardware-intensive approach
provides performance previously unavailable on a single chip.
The SMJ320C3x can perform parallel multiply and ALU operations on integer or floating-point data in a single
cycle. Each processor also possesses a general-purpose register file, a program cache, dedicated ARAUs,
internal dual-access memories, one DMA channel supporting concurrent I/O, and a short machine-cycle time.
High performance and ease of use are results of these features.
General-purpose applications are greatly enhanced by the large address space, multiprocessor interface,
internally and externally generated wait states, one external interface port, two timers, one serial port, and
multiple-interrupt structure. The SMJ320C3x supports a wide variety of system applications from host processor
to dedicated coprocessor.
High-level-language support is easily implemented through a register-based architecture, large address space,
powerful addressing modes, flexible instruction set, and well-supported floating-point arithmetic.
For additional information when designing for cold temperature operation, please see Texas Instruments
application report 320C3x, 320C4x and 320MCM42x Power-up Sensitivity at Cold Temperature, literature
number SGUA001.
Not Recommended for New Designs


Numéro de pièce similaire - SM320C31

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SM320C31GFAM40 TI-SM320C31GFAM40 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C31GFAM40 TI1-SM320C31GFAM40 Datasheet
1Mb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C31GFAM50 TI-SM320C31GFAM50 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C31GFAM50 TI1-SM320C31GFAM50 Datasheet
1Mb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C31GFAS60 TI-SM320C31GFAS60 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Description similaire - SM320C31

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com