Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1876T Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM1876T
Description  Audio Power Amplifier Series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM1876T Fiches technique(HTML) 4 Page - Texas Instruments

  LM1876T Datasheet HTML 1Page - Texas Instruments LM1876T Datasheet HTML 2Page - Texas Instruments LM1876T Datasheet HTML 3Page - Texas Instruments LM1876T Datasheet HTML 4Page - Texas Instruments LM1876T Datasheet HTML 5Page - Texas Instruments LM1876T Datasheet HTML 6Page - Texas Instruments LM1876T Datasheet HTML 7Page - Texas Instruments LM1876T Datasheet HTML 8Page - Texas Instruments LM1876T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM1876
SNAS097C – MAY 1999 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1) (2)
The following specifications apply for VCC = +22V, VEE = −22V with RL = 8Ω unless otherwise specified. Limits apply for TA =
25°C.
Symbol
Parameter
Conditions
LM1876
Units
(Limits)
Typical(3
Limit(4)
)
|VCC| +
Power Supply Voltage (5)
GND
− VEE ≥ 9V
20
V (min)
|VEE|
64
V (max)
PO
(6)
Output Power
THD + N = 0.1% (max),
(Continuous Average)
f = 1 kHz
|VCC| = |VEE| = 22V, RL = 8Ω
20
15
W/ch (min)
|VCC| = |VEE| = 20V, RL = 4Ω
(7)
22
15
W/ch (min)
THD + N
Total Harmonic Distortion
15 W/ch, RL = 8Ω
0.08
%
Plus Noise
15 W/ch, RL = 4Ω, |VCC| = |VEE| = 20V
0.1
%
20 Hz
≤ f ≤ 20 kHz, AV = 26 dB
Xtalk
Channel Separation
f = 1 kHz, VO = 10.9 Vrms
80
dB
SR (6)
Slew Rate
VIN = 1.414 Vrms, trise = 2 ns
18
12
V/
μs (min)
Itotal
(8)
Total Quiescent Power
Both Amplifiers VCM = 0V,
Supply Current
VO = 0V, IO = 0 mA
Standby: Off
50
80
mA (max)
Standby: On
4.2
6
mA (max)
VOS
(8)
Input Offset Voltage
VCM = 0V, IO = 0 mA
2.0
15
mV (max)
IB
Input Bias Current
VCM = 0V, IO = 0 mA
0.2
0.5
μA (max)
IOS
Input Offset Current
VCM = 0V, IO = 0 mA
0.002
0.2
μA (max)
IO
Output Current Limit
|VCC| = |VEE| = 10V, tON = 10 ms,
3.5
2.9
Apk (min)
VO = 0V
VOD
(8)
Output Dropout Voltage (9)
|VCC–VO|, VCC = 20V, IO = +100 mA
1.8
2.3
V (max)
|VO–VEE|, VEE = −20V, IO = −100 mA
2.5
3.2
V (max)
PSRR (8)
Power Supply Rejection Ratio
VCC = 25V to 10V, VEE = −25V,
115
85
dB (min)
VCM = 0V, IO = 0 mA
VCC = 25V, VEE = −25V to −10V
110
85
dB (min)
VCM = 0V, IO = 0 mA
CMRR (8)
Common Mode Rejection Ratio
VCC = 35V to 10V, VEE = −10V to −35V,
110
80
dB (min)
VCM = 10V to −10V, IO = 0 mA
AVOL
(8)
Open Loop Voltage Gain
RL = 2 kΩ, Δ VO = 20 V
110
90
dB (min)
GBWP
Gain Bandwidth Product
fO = 100 kHz, VIN = 50 mVrms
7.5
5
MHz (min)
(1)
All voltages are measured with respect to the GND pins (5, 10), unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which specify performance limits. This assumes that the device is within the Operating
Ratings. Specifications are not ensure for parameters where no limit is given, however, the typical value is a good indication of device
performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are ensure that all parts are tested in production to meet the stated values.
(5)
VEE must have at least −9V at its pin with reference to ground in order for the under-voltage protection circuitry to be disabled. In
addition, the voltage differential between VCC and VEE must be greater than 14V.
(6)
AC Electrical Test; Refer to Test Circuit #2 (AC Electrical Test Circuit).
(7)
For a 4
Ω load, and with ±20V supplies, the LM1876 can deliver typically 22W of continuous average output power with less than 0.1%
(THD + N). With supplies above ±20V, the LM1876 cannot deliver more than 22W into a 4
Ω due to current limiting of the output
transistors. Thus, increasing the power supply above ±20V will only increase the internal power dissipation, not the possible output
power. Increased power dissipation will require a larger heat sink as explained in Application Information.
(8)
DC Electrical Test; Refer to Test Circuit #1 (DC Electrical Test Circuit).
(9)
The output dropout voltage, VOD, is the supply voltage minus the clipping voltage. Refer to Figure 16, Figure 17, and Figure 18 in
Typical Performance Characteristics.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1876


Numéro de pièce similaire - LM1876T

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM1876T NSC-LM1876T Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM1876TF NSC-LM1876TF Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
More results

Description similaire - LM1876T

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM48311 TI1-LM48311 Datasheet
885Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series
LM48901 TI-LM48901 Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
LM4782 TI1-LM4782 Datasheet
1Mb / 33P
[Old version datasheet]   Audio Power Amplifier Series
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
logo
National Semiconductor ...
LM3875 NSC-LM3875 Datasheet
1,001Kb / 20P
   OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4954 TI1-LM4954 Datasheet
1Mb / 23P
[Old version datasheet]   Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com