Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM185-2.5MD8 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM185-2.5MD8
Description  Micropower Voltage Reference Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM185-2.5MD8 Fiches technique(HTML) 1 Page - Texas Instruments

  LM185-2.5MD8 Datasheet HTML 1Page - Texas Instruments LM185-2.5MD8 Datasheet HTML 2Page - Texas Instruments LM185-2.5MD8 Datasheet HTML 3Page - Texas Instruments LM185-2.5MD8 Datasheet HTML 4Page - Texas Instruments LM185-2.5MD8 Datasheet HTML 5Page - Texas Instruments LM185-2.5MD8 Datasheet HTML 6Page - Texas Instruments LM185-2.5MD8 Datasheet HTML 7Page - Texas Instruments LM185-2.5MD8 Datasheet HTML 8Page - Texas Instruments LM185-2.5MD8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2
3
4
5
10
9
8
7
6
+ VREF
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
V-
LM185-2.5QML
www.ti.com
SNVS385A – NOVEMBER 2005 – REVISED MARCH 2013
Micropower Voltage Reference Diode
Check for Samples: LM185-2.5QML
1
FEATURES
DESCRIPTION
The LM185-2.5 are micropower 2-terminal band-gap
2
Operating Current of 20
μA to 20 mA
voltage regulator diodes. Operating over a 20
μA to
0.6
Ω Dynamic Impedance (A grade)
20 mA current range, they feature exceptionally low
Low Temperature Coefficient
dynamic impedance and good temperature stability.
On-chip trimming is used to provide tight voltage
Low Voltage Reference—2.5V
tolerance. Since the LM185-2.5 band-gap reference
uses only transistors and resistors, low noise and
good long term stability result.
Careful design of the LM185-2.5 has made the device
exceptionally tolerant of capacitive loading, making it
easy to use in almost any reference application. The
wide dynamic operating range allows its use with
widely varying supplies with excellent regulation.
The extremely low power drain of the LM185-2.5
makes it useful for micropower circuitry. This voltage
reference can be used to make portable meters,
regulators or general purpose analog circuitry with
battery life approaching shelf life. Further, the wide
operating current allows it to replace older references
with a tighter tolerance part. For applications requiring
1.2V see LM185-1.2.
Connection Diagram
Figure 1. CLGA Package-Top View
Figure 2. PFM Metal Can Package- Bottom View
See Package Number NAC
See Package Number NDU
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM185-2.5MD8

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM185-2.5 NSC-LM185-2.5 Datasheet
742Kb / 13P
   Micropower Voltage Reference Diode
logo
Linear Technology
LM185-2.5 LINER-LM185-2.5 Datasheet
147Kb / 8P
   Micropower Voltage Reference
LM185-2.5 LINER-LM185-2.5 Datasheet
157Kb / 8P
   Micropower Voltage Reference
logo
Texas Instruments
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results

Description similaire - LM185-2.5MD8

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com