Moteur de recherche de fiches techniques de composants électroniques |
|
LM117HMD8 Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
LM117HMD8 Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 37 page LM117QML, LM117QML-SP SNVS356D – MARCH 2006 – REVISED APRIL 2013 www.ti.com LM117E Electrical Characteristics DC Parameters (continued) The following conditions apply, unless otherwise specified. VDiff = (VI − VO), IL = 8mA, PD ≤ 1.5W Sub- Symbol Parameter Conditions Notes Min Max Unit groups VDiff= 3V, -15 15 mV 1 IL = 10mA to 100mA VDiff= 3.3V, -15 15 mV 2, 3 IL = 10mA to 100mA VDiff= 40V, -15 15 mV 1,2 VRLoad Load Regulation IL = 10mA to 100mA −25 25 mV 3 VDiff= 3V, -15 15 mV 1 IL = 10mA to 500mA VDiff= 3.3V, -15 15 mV 2, 3 IL = 10mA to 500mA VDiff = 3V, -5.0 5.0 µA 1 IL = 10mA to 500mA VDiff = 3.3V, ΔIAdj / Load Adjustment Current Change -5.0 5.0 µA 2, 3 IL = 10mA to 500mA VDiff = 40V, -5.0 5.0 µA 1, 2, 3 IL = 10mA to 100mA 3V ≤ VDiff ≤ 40V -5.0 5.0 µA 1 ΔIAdj / Line Adjustment Current Change 3.3V ≤ VDiff ≤ 40V -5.0 5.0 µA 2, 3 IOS Short Circuit Current VDiff = 10V 0.45 1.6 A 1 TA = 25°C, t = 20mS, θR Thermal Regulation -6.0 6.0 mV 1 VDiff = 40V, IL = 75mA VDiff ≤ 15V See(1) 0.5 A 1, 2, 3 ICL Current Limit VDiff = 40V See(1) 0.15 A 1 (1) Specified parameter, not tested. LM117E Electrical Characteristics AC Parameters Sub- Symbol Parameter Conditions Notes Min Max Unit groups VI = +6.25V, VO = VRef, RR Ripple Rejection ƒ= 120Hz, eI = 1VRMS, See(1) 66 dB 4, 5, 6 IL = 100mA, CAdj = 10µf (1) Tested @ 25°C; specified, but not tested @ 125°C & −55°C 8 Submit Documentation Feedback Copyright © 2006–2013, Texas Instruments Incorporated Product Folder Links: LM117QML LM117QML-SP |
Numéro de pièce similaire - LM117HMD8 |
|
Description similaire - LM117HMD8 |