Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM10502 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM10502
Description  Dual Buck LDO Power Management Unit
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM10502 Fiches technique(HTML) 1 Page - Texas Instruments

  LM10502 Datasheet HTML 1Page - Texas Instruments LM10502 Datasheet HTML 2Page - Texas Instruments LM10502 Datasheet HTML 3Page - Texas Instruments LM10502 Datasheet HTML 4Page - Texas Instruments LM10502 Datasheet HTML 5Page - Texas Instruments LM10502 Datasheet HTML 6Page - Texas Instruments LM10502 Datasheet HTML 7Page - Texas Instruments LM10502 Datasheet HTML 8Page - Texas Instruments LM10502 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LM10502
www.ti.com
SNVS884B – AUGUST 2012 – REVISED MAY 2013
LM10502 Dual Buck + LDO Power Management Unit
Check for Samples: LM10502
1
FEATURES
DESCRIPTION
The LM10502 are advanced PMUs each containing
2
Two Highly Efficient Programmable Buck
two configurable, high-efficiency buck regulators for
Regulators
supplying variable voltages. The device is ideal for
Integrated FETs with Low RDSON
supporting ASIC and SOC designs for Solid-State
Bucks Operate with Their Phases Shifted to
and Flash drives.
Reduce the Input Current Ripple and
The
LM10502
operate
cooperatively
with
the
Capacitor Size
application ASIC to optimize the supply voltage for
Programmable Output Voltage via the SPI
low-power conditions and Power Saving modes via
interface
the SPI interface. It also supports a 250 mA LDO and
a programmable Interrupt Comparator to monitor VIN.
Overvoltage and Undervoltage Lockout
Automatic Internal Soft Start with Power-on
Reset
Current Overload and Thermal Shutdown
Protection
PFM Mode for Low-Load, High-Efficiency
Operation
Low-Dropout LDO 3.0V, 250 mA
SPI-Programmable Interrupt Comparator (2.0V
to 4.0V) to Monitor VIN
APPLICATIONS
Solid-State Drives
KEY SPECIFICATIONS
LM10502 - Programmable Buck Regulators:
Buck 1: 1.1V to 3.6V; 1A
Buck 2: 0.7V to 1.335V; 1A
±3% Feedback Voltage Accuracy
Up to 95% Efficient Buck Regulators
2MHz Switching Frequency for Smaller
Inductor Size
2.5 x 2.5 mm, 0.5 mm Pitch DSBGA Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM10502

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500 TI-LM10500 Datasheet
1Mb / 40P
[Old version datasheet]   5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8 TI1-LM10500SQ-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8/NOPB TI-LM10500SQ-0.8/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LM10500SQ-1.0 TI1-LM10500SQ-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
More results

Description similaire - LM10502

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
logo
STMicroelectronics
L7292 STMICROELECTRONICS-L7292 Datasheet
3Mb / 60P
   Five buck regulators power management unit
logo
Texas Instruments
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com