Moteur de recherche de fiches techniques de composants électroniques |
|
STF28-461 Fiches technique(PDF) 4 Page - Interpoint Corporation Company |
|
STF28-461 Fiches technique(HTML) 4 Page - Interpoint Corporation Company |
4 / 10 page mOdel nUmbering key STF28 - 461 / KH Base Model MIL-STD-461 Reference Screening dsCC nUmber DSCC Drawing (5915) 96003H02HxA 96003H02HxC 96003H02KxA 96003H02KxC StF28-461 Filter Similar part STF28-461/HH STF28-461/HH STF28-461/KH STF28-461/KH For exact specifications for a DSCC product, refer to the DSCC drawing. SMDs can be downloaded from: http://www.dscc.dla.mil/programs/smcr mOdel seleCtiOn STF28- 461 / Base model MIL-STD-461 compliant screening Choose one from each of the following rows Screening OO* - Space prototype, HH, KH *Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) Radiation Hardness Assurance level of MIL-PRF-38534, which is defined as “no RHA” Crane Aerospace & Electronics Power Solutions STF28-461 EMI Input Filters Page 4 of 10 RevA-20070509 28 VOlT INPuT – 0.8 aMP www.craneae.com |
Numéro de pièce similaire - STF28-461_07 |
|
Description similaire - STF28-461_07 |