Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC2214QRGHTQ1 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce FDC2214QRGHTQ1
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2214QRGHTQ1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button FDC2214QRGHTQ1 Datasheet HTML 7Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 8Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 9Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 10Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 11Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 12Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 13Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 14Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
IN0A
IN0B
IN1A
IN1B
FDC2112 / FDC2212
VDD
GND
SCL
SDA
Int. Osc.
ADDR
INTB
SD
GND
MCU
VDD
3.3 V
3.3 V
GPIO
GPIO
0.1 F 1 F
Core
Resonant
circuit driver
Resonant
circuit driver
I
2C
I
2C
peripheral
3.3 V
L
Cap
Sensor 0
CLKIN
40 MHz
C
L
Cap
Sensor 1
C
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
9 Detailed Description
9.1 Overview
The FDC2112, FDC2114, FDC2212, and FDC2214 are high-resolution, multichannel capacitance-to-digital
converters for implementing capacitive sensing solutions. In contrast to traditional switched-capacitance
architectures, the FDC2112, FDC2114, FDC2212, and FDC2214 employ an L-C resonator, also known as L-C
tank, as a sensor. The narrow-band architecture allows unprecedented EMI immunity and greatly reduced noise
floor when compared to other capacitive sensing solutions.
Using this approach, a change in capacitance of the L-C tank can be observed as a shift in the resonant
frequency. Using this principle, the FDC is a capacitance-to-digital converter (FDC) that measures the oscillation
frequency of an LC resonator. The device outputs a digital value that is proportional to frequency. This frequency
measurement can be converted to an equivalent capacitance
9.2 Functional Block Diagrams
Figure 10. Block Diagram for the FDC2112 and FDC2212
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114


Numéro de pièce similaire - FDC2214QRGHTQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
FDC2214QRGHTQ1 TI1-FDC2214QRGHTQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
FDC2214QRGHTQ1 TI1-FDC2214QRGHTQ1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
More results

Description similaire - FDC2214QRGHTQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com