Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC1004DSCJ Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce FDC1004DSCJ
Description  4-Channel Capacitance-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

FDC1004DSCJ Fiches technique(HTML) 4 Page - Texas Instruments

  FDC1004DSCJ Datasheet HTML 1Page - Texas Instruments FDC1004DSCJ Datasheet HTML 2Page - Texas Instruments FDC1004DSCJ Datasheet HTML 3Page - Texas Instruments FDC1004DSCJ Datasheet HTML 4Page - Texas Instruments FDC1004DSCJ Datasheet HTML 5Page - Texas Instruments FDC1004DSCJ Datasheet HTML 6Page - Texas Instruments FDC1004DSCJ Datasheet HTML 7Page - Texas Instruments FDC1004DSCJ Datasheet HTML 8Page - Texas Instruments FDC1004DSCJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
1
2
3
4
5
10
9
8
7
6
SHLD1
CIN1
CIN2
CIN3
CIN4
SDA
SCL
VDD
GND
SHLD2
CIN1
CIN2
CIN3
CIN4
5
4
3
2
1
6
7
8
9
10
DAP
SHLD1
SDA
SCL
VDD
GND
SHLD2
FDC1004
SNOSCY5B – AUGUST 2014 – REVISED APRIL 2015
www.ti.com
6 Pin Configuration and Functions
WSON (DSC)
10 Pins
TOP
VSSOP (DGS)
10 Pins
TOP
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SHLD1
1
A
Capacitive Input Active AC Shielding.
Capacitive Input. The measured capacitance is connected between the CIN1 pin and GND. If
CIN1
2
A
not used, this pin should be left as an open circuit.
Capacitive Input. The measured capacitance is connected between the CIN2 pin and GND. If
CIN2
3
A
not used, this pin should be left as an open circuit.
Capacitive Input. The measured capacitance is connected between the CIN3 pin and GND. If
CIN3
4
A
not used, this pin should be left as an open circuit.
Capacitive Input. The measured capacitance is connected between the CIN4 pin and GND. If
CIN4
5
A
not used, this pin should be left as an open circuit.
SHLD2
6
A
Capacitive Input Active AC Shielding.
GND
7
G
Ground
Power Supply Voltage. This pin should be decoupled to GND, using a low impedance
VDD
8
P
capacitor, for example in combination with a 1-
μF tantalum and a 0.1-μF multilayer ceramic.
Serial Interface Clock Input. Connects to the master clock line. Requires pull-up resistor if not
SCL
9
I
already provided elsewhere in the system.
Serial Interface Bidirectional Data. Connects to the master data line. Requires a pull-up
SDA
10
I/O
resistor if not provided elsewhere in the system.
DAP(2)
-
N/A
Connect to GND
(1)
P=Power, G=Ground, I=Input, O=Output, A=Analog, I/O=Bi-Directional Input/Output
(2)
There is an internal electrical connection between the exposed Die Attach Pad (DAP) and the GND pin of the device. Although the DAP
can be left floating, for best performance the DAP should be connected to the same potential as the device's GND pin. Do not use the
DAP as the primary ground for the device. The device GND pin must always be connected to ground.
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: FDC1004


Numéro de pièce similaire - FDC1004DSCJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
FDC1004-Q1 TI1-FDC1004-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004Q TI1-FDC1004Q Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004QDGSRQ1 TI1-FDC1004QDGSRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004QDGSTQ1 TI1-FDC1004QDGSTQ1 Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
More results

Description similaire - FDC1004DSCJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
FDC1004Q TI1-FDC1004Q Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
   4-Channel Time-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com