Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4153BCP-REEL Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADF4153BCP-REEL
Description  Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4153BCP-REEL Fiches technique(HTML) 4 Page - Analog Devices

  ADF4153BCP-REEL Datasheet HTML 1Page - Analog Devices ADF4153BCP-REEL Datasheet HTML 2Page - Analog Devices ADF4153BCP-REEL Datasheet HTML 3Page - Analog Devices ADF4153BCP-REEL Datasheet HTML 4Page - Analog Devices ADF4153BCP-REEL Datasheet HTML 5Page - Analog Devices ADF4153BCP-REEL Datasheet HTML 6Page - Analog Devices ADF4153BCP-REEL Datasheet HTML 7Page - Analog Devices ADF4153BCP-REEL Datasheet HTML 8Page - Analog Devices ADF4153BCP-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADF4153
Rev. A | Page 4 of 24
1 Operating temperature is B version: −40°C to +80°C.
2 Use a square wave for frequencies below fMIN.
3 Guaranteed by design. Sample tested to ensure compliance.
4 AC coupling ensures AVDD/2 bias. See Figure 16 for typical circuit.
5 This figure can be used to calculate phase noise for any application. Use the formula –217 + 10log(fPFD) + 20logN to calculate in-band phase noise performance as seen
at the VCO output. The value given is the lowest noise mode.
6 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20logN (where N is the N divider value).
The value given is the lowest noise mode.
7 The phase noise is measured with the EVAL-ADF4153EB1 evaluation board and the HP8562E spectrum analyzer.
8 fREFIN = 26 MHz; fPFD = 10 MHz; offset frequency = 1 kHz; RFOUT = 1750 MHz; N = 175; loop B/W = 20 kHz; lowest noise mode.


Numéro de pièce similaire - ADF4153BCP-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
ADF4153BCPZ-RL AD-ADF4153BCPZ-RL Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
ADF4153BCPZ-RL AD-ADF4153BCPZ-RL Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
More results

Description similaire - ADF4153BCP-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
REV. C
logo
Cirrus Logic
CS2200-OTP CIRRUS-CS2200-OTP_09 Datasheet
189Kb / 24P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4154BRUZ AD-ADF4154BRUZ Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
ADF4153A AD-ADF4153A Datasheet
358Kb / 24P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com