Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD29GBA Fiches technique(PDF) 2 Page - Jianghai Europe GmbH

No de pièce CD29GBA
Description  10000h at 125C
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGHAI [Jianghai Europe GmbH]
Site Internet  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD29GBA Fiches technique(HTML) 2 Page - Jianghai Europe GmbH

  CD29GBA Datasheet HTML 1Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 2Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 3Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 4Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 5Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 6Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 7Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 8Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
65
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
Customer specific products and adaptions on request.
Ratings for CD
29G BA Series
CD 29G BA Series
u
r.DC
(Surge
Voltage)
Code
rated
Capacitance
Max ESr
20°C, 120Hz
Typ ESr
20°C, 10kHz
Max ripple
Current
125°C, 10kHz
Size
Ø D x L
(V)
(µF)
(mΩ)
(mΩ)
(Arms)
(mm)
25
(32)
1E
3900
68
32
4,5
25 x 35
5600
48
23
5,3
25 x 40
6800
39
15
6,9
25 x 40
10000
27
12
8,8
25 x 50
12000
22
11
9,6
30 x 50
18000
15
10
9,7
35 x 50
35
(44)
1V
2200
91
32
4,5
25 x 35
3300
61
24
5,0
22 x 40
3900
51
15
7,0
25 x 40
5600
36
11
9,1
25 x 50
6800
30
11
9,5
30 x 50
10000
20
10
10,1
35 x 50
50
(63)
1H
1000
133
40
4,0
25 x 35
1800
74
24
5,0
25 x 35
2700
50
15
6,9
25 x 40
3900
34
12
8,8
25 x 50
5600
24
11
9,8
30 x 50
6800
20
11
9,9
35 x 50
63
(79)
1J
1000
60
40
3,0
25 x 35
1500
39
23
4,9
25 x 35
2200
26
15
6,9
25 x 40
2700
21
12
8,8
25 x 50
3900
16
11
9,5
30 x 50
5600
13
11
9,8
35 x 50
Vibration Design (on request)


Numéro de pièce similaire - CD29GBA

FabricantNo de pièceFiches techniqueDescription
logo
celduc-relais
CD29 CELDUC-CD29 Datasheet
54Kb / 2P
   REED SWITCH DRY CONTACT CHANGE OVER
logo
Molex Electronics Ltd.
CD2901 MOLEX4-CD2901 Datasheet
129Kb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
logo
Jianghai Europe GmbH
CD293BZ JIANGHAI-CD293BZ Datasheet
816Kb / 5P
   EC Snap-In Standard 85째C 4.000h Lifetime (Snap-In)
More results

Description similaire - CD29GBA

FabricantNo de pièceFiches techniqueDescription
logo
MERITEK ELECTRONICS COR...
WT MERITEK-WT Datasheet
907Kb / 6P
   High reliability withstanding 2000 hours load life at 125C.
logo
Rohm
BR25HXXX-WC ROHM-BR25HXXX-WC Datasheet
497Kb / 20P
   125C Operating tempter
logo
Seiko Instruments Inc
S25A640 SII-S25A640 Datasheet
507Kb / 32P
   FOR AUTOMOTIVE 125C OPERATION
S25A010 SII-S25A010 Datasheet
509Kb / 35P
   FOR AUTOMOTIVE 125C OPERATION
logo
United Chemi-Con, Inc.
EMVH500ARA101MKE0S CHEMI-CON-EMVH500ARA101MKE0S Datasheet
66Kb / 2P
   High heat resistance, 125C
logo
Seiko Instruments Inc
S25A128B SII-S25A128B Datasheet
435Kb / 26P
   FOR AUTOMOTIVE 125C OPERATION
S35720 SII-S35720 Datasheet
927Kb / 21P
   FOR AUTOMOTIVE 125C OPERATION
logo
Kemet Corporation
A700X227M004ATE015 KEMET-A700X227M004ATE015_17 Datasheet
80Kb / 1P
   Polymer Aluminum, 125C, A700, 220 uF, 20%, 4 V, -55/125C
A700D157M006ATE010 KEMET-A700D157M006ATE010 Datasheet
79Kb / 1P
   Polymer Aluminum, 125C, A700, 150 uF, 20%, 6.3 V, -55/125C
A700D226M016ATE030 KEMET-A700D226M016ATE030 Datasheet
80Kb / 1P
   Polymer Aluminum, 125C, A700, 22 uF, 20%, 16 V, -55/125C
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com