Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8328ARQ-REEL Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD8328ARQ-REEL
Description  5 V Upstream Cable Line Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8328ARQ-REEL Fiches technique(HTML) 2 Page - Analog Devices

  AD8328ARQ-REEL Datasheet HTML 1Page - Analog Devices AD8328ARQ-REEL Datasheet HTML 2Page - Analog Devices AD8328ARQ-REEL Datasheet HTML 3Page - Analog Devices AD8328ARQ-REEL Datasheet HTML 4Page - Analog Devices AD8328ARQ-REEL Datasheet HTML 5Page - Analog Devices AD8328ARQ-REEL Datasheet HTML 6Page - Analog Devices AD8328ARQ-REEL Datasheet HTML 7Page - Analog Devices AD8328ARQ-REEL Datasheet HTML 8Page - Analog Devices AD8328ARQ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD8328–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Specified AC Voltage
Output = 60 dBmV, Max Gain
29
dBmV
Input Resistance
Single-Ended Input
800
Differential Input
1600
Input Capacitance
2pF
GAIN CONTROL INTERFACE
Voltage Gain Range
58
59.0
60
dB
Max Gain
Gain Code = 60 Dec
30.5
31.5
32.5
dB
Min Gain
Gain Code = 1 Dec
–28.5
–27.5
–26.5
dB
Output Step Size
0.6
1.0
1.4
dB/LSB
Output Step Size Temperature
TA = –40
°C to +85°C
± 0.0005
dB/
°C
Coefficient
OUTPUT CHARACTERISTICS
Bandwidth (–3 dB)
All Gain Codes (1–60 Decimal Codes)
107
MHz
Bandwidth Roll-Off
f = 65 MHz
1.2
dB
1 dB Compression Point
2
Max Gain, f = 10 MHz, Output Referred
17.9
18.4
dBm
Min Gain, f = 10 MHz, Input Referred
2.2
3.3
dBm
Output Noise
2
Max Gain
f = 10 MHz
135
151
nV/
√Hz
Min Gain
f = 10 MHz
1.2
1.3
nV/
√Hz
Transmit Disable
f = 10 MHz
1.1
1.2
nV/
√Hz
Noise Figure
2
Max Gain
f = 10 MHz
16.7
17.7
dB
Differential Output Impedance
TX Enable and TX Disable
75
± 30%3
OVERALL PERFORMANCE
Second-Order Harmonic Distortion
4, 5
f = 33 MHz, VOUT = 60 dBmV @ Max Gain
–67
–56
dBc
f = 65 MHz, VOUT = 60 dBmV @ Max Gain
–61
–55
dBc
Third-Order Harmonic Distortion
4, 5
f = 21 MHz, VOUT = 60 dBmV @ Max Gain
–57.5
–56
dBc
f = 65 MHz, VOUT = 60 dBmV @ Max Gain
–54
–52.5
dBc
ACPR
2, 6
–58
–56
dBc
Isolation (Transmit Disable)
2
Max Gain, f = 65 MHz
–85
–81
dB
POWER CONTROL
TX Enable Settling Time
Max Gain, VIN = 0
2.5
µs
TX Disable Settling Time
Max Gain, VIN = 0
3.8
µs
Output Switching Transients
2
Equivalent Output = 31 dBmV
2.5
6
mV p-p
Equivalent Output = 61 dBmV
16
54
mV p-p
Output Settling
Due to Gain Change
Min to Max Gain
60
ns
Due to Input Step Change
Max Gain, VIN = 29 dBmV
30
ns
POWER SUPPLY
Operating Range
4.75
5
5.25
V
Quiescent Current
Max Gain
98
120
140
mA
Min Gain
18
26
34
mA
Transmit Disable (TXEN = 0)
1
2.6
3.5
mA
SLEEP Mode (Power-Down)
1
20
100
µA
OPERATING TEMPERATURE
–40
+85
°C
RANGE
NOTES
1TOKO 458PT-1087 used for above specifications. Typical insertion loss of 0.3 dB @ 10 MHz.
2Guaranteed by design and characterization to
±4 sigma for T
A = 25
°C.
3Measured through a 2:1 transformer.
4Specification is worst case over all gain codes.
5Guaranteed by design and characterization to
±3 sigma for T
A = 25
°C.
6V
IN = 29 dBmV, QPSK modulation, 160 KSPS symbol rate.
(TA = 25 C, VS = 5 V, RL = RIN = 75
, VIN (Differential) = 29 dBmV.
The AD8328 is characterized using a 2:1 transformer
1 at the device output.)


Numéro de pièce similaire - AD8328ARQ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8328ARQ-REEL AD-AD8328ARQ-REEL Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
More results

Description similaire - AD8328ARQ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8328 AD-AD8328_05 Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8324 AD-AD8324_05 Datasheet
420Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. A
AD8324 AD-AD8324_15 Datasheet
382Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. B
AD8324 AD-AD8324 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048 AD-AD45048 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
Maxim Integrated Produc...
MAX3532 MAXIM-MAX3532 Datasheet
84Kb / 8P
   Upstream CATV Driver Amplifier
Rev 1; 6/98
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com