Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD19538Q3A Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD19538Q3A
Description  100 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19538Q3A Fiches technique(HTML) 11 Page - Texas Instruments

Back Button CSD19538Q3A Datasheet HTML 5Page - Texas Instruments CSD19538Q3A Datasheet HTML 6Page - Texas Instruments CSD19538Q3A Datasheet HTML 7Page - Texas Instruments CSD19538Q3A Datasheet HTML 8Page - Texas Instruments CSD19538Q3A Datasheet HTML 9Page - Texas Instruments CSD19538Q3A Datasheet HTML 10Page - Texas Instruments CSD19538Q3A Datasheet HTML 11Page - Texas Instruments CSD19538Q3A Datasheet HTML 12Page - Texas Instruments CSD19538Q3A Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Jun-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CSD19538Q3A
ACTIVE
VSONP
DNH
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-55 to 150
19538
CSD19538Q3AT
ACTIVE
VSONP
DNH
8
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-55 to 150
19538
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Numéro de pièce similaire - CSD19538Q3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD19538Q2 TI1-CSD19538Q2 Datasheet
402Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19538Q2T TI1-CSD19538Q2T Datasheet
402Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
More results

Description similaire - CSD19538Q3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
CSD19536KCS TI1-CSD19536KCS Datasheet
467Kb / 10P
[Old version datasheet]   CSD19536KCS, 100 V N-Channel NexFET Power MOSFET
CSD19536KTT TI-CSD19536KTT_15 Datasheet
852Kb / 14P
[Old version datasheet]   CSD19536KTT 100 V N-Channel NexFET Power MOSFET
CSD19537Q3 TI-CSD19537Q3_15 Datasheet
478Kb / 13P
[Old version datasheet]   CSD19537Q3 100 V N-Channel NexFET Power MOSFET
CSD19534KCS TI-CSD19534KCS_15 Datasheet
300Kb / 12P
[Old version datasheet]   CSD19534KCS 100 V N-Channel NexFET Power MOSFET
CSD19535KCS TI1-CSD19535KCS Datasheet
804Kb / 10P
[Old version datasheet]   CSD19535KCS, 100 V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD19533KCS TI1-CSD19533KCS Datasheet
768Kb / 10P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com