Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD18504Q5A Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD18504Q5A
Description  40V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18504Q5A Fiches technique(HTML) 3 Page - Texas Instruments

  CSD18504Q5A Datasheet HTML 1Page - Texas Instruments CSD18504Q5A Datasheet HTML 2Page - Texas Instruments CSD18504Q5A Datasheet HTML 3Page - Texas Instruments CSD18504Q5A Datasheet HTML 4Page - Texas Instruments CSD18504Q5A Datasheet HTML 5Page - Texas Instruments CSD18504Q5A Datasheet HTML 6Page - Texas Instruments CSD18504Q5A Datasheet HTML 7Page - Texas Instruments CSD18504Q5A Datasheet HTML 8Page - Texas Instruments CSD18504Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD18504Q5A
www.ti.com
SLPS366E – JUNE 2012 – REVISED SEPTEMBER 2014
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
40
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 32 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
1.5
1.9
2.4
V
VGS = 4.5 V, ID = 17 A
7.5
9.8
m
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V, ID = 17 A
5.3
6.6
m
gƒs
Transconductance
VDS = 20 V, ID = 17 A
71
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
1380
1656
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 20 V, ƒ = 1 MHz
310
372
pF
Crss
Reverse Transfer Capacitance
8
9.6
pF
RG
Series Gate Resistance
1.4
2.8
Qg
Gate Charge Total (4.5 V)
7.7
9.2
nC
Qg
Gate Charge Total (10 V)
16
19
Qgd
Gate Charge Gate-to-Drain
VDS = 20 V, ID = 17 A
2.4
nC
Qgs
Gate Charge Gate-to-Source
3.2
nC
Qg(th)
Gate Charge at Vth
2.2
nC
Qoss
Output Charge
VDS = 20 V, VGS = 0 V
21
nC
td(on)
Turn On Delay Time
3.2
ns
tr
Rise Time
6.8
ns
VDS = 20 V, VGS = 10 V,
IDS = 17 A, RG = 0 Ω
td(off)
Turn Off Delay Time
12
ns
tƒ
Fall Time
2
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 17 A, VGS = 0 V
0.8
1
V
Qrr
Reverse Recovery Charge
39
nC
VDS= 20 V, IF = 17 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
28
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance(1)
2.0
°C/W
RθJA
Junction-to-Ambient Thermal Resistance(1)(2)
50
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inches × 1.5-inches
(3.81-cm × 3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD18504Q5A


Numéro de pièce similaire - CSD18504Q5A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD18504Q5A TI1-CSD18504Q5A Datasheet
674Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
logo
TECH PUBLIC Electronics...
CSD18504Q5A-TP TECHPUBLIC-CSD18504Q5A-TP Datasheet
1Mb / 5P
   40V N-Channel MOSFET
logo
Texas Instruments
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

Description similaire - CSD18504Q5A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD18502Q5B TI1-CSD18502Q5B_16 Datasheet
945Kb / 15P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18503Q5A TI1-CSD18503Q5A_16 Datasheet
380Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18501Q5A TI1-CSD18501Q5A Datasheet
703Kb / 10P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18503Q5A TI1-CSD18503Q5A Datasheet
709Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18504Q5A TI1-CSD18504Q5A Datasheet
674Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com