Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7912 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7912
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7912 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7912 Datasheet HTML 6Page - Analog Devices AD7912 Datasheet HTML 7Page - Analog Devices AD7912 Datasheet HTML 8Page - Analog Devices AD7912 Datasheet HTML 9Page - Analog Devices AD7912 Datasheet HTML 10Page - Analog Devices AD7912 Datasheet HTML 11Page - Analog Devices AD7912 Datasheet HTML 12Page - Analog Devices AD7912 Datasheet HTML 13Page - Analog Devices AD7912 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 10 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD
GND
VIN0
VIN1
8
7
6
5
DOUT
1
CS
2
SCLK
3
DIN
4
AD7912/
AD7922
8-LEAD MSOP
TOP VIEW
(Not to Scale)
Figure 8. 8-Lead MSOP Pin Configuration
VIN1
VIN0
GND
VDD
8
7
6
5
DIN
1
SCLK
2
CS
3
DOUT
4
AD7912/
AD7922
8-LEAD TSOT
TOP VIEW
(Not to Scale)
Figure 9. 8-Lead TSOT Pin Configuration
Table 5. Pin Function Descriptions
MSOP
Pin No.
TSOT
Pin No.
Mnemonic
Function
1
4
DOUT
Data Out. Logic output. The conversion result from the AD7912/AD7922 is provided on this output as
a serial data stream. The bits are clocked out on the falling edge of the SCLK signal.
For the AD7922, the data stream consists of two leading zeros, the channel identifier bit that identifies
which channel the conversion result corresponds to, followed by the mode bit that indicates the
current mode of operation, followed by the 12 bits of conversion data with MSB first.
For the AD7912, the data stream consists of two leading zeros, the channel identifier bit that identifies
which channel the conversion result corresponds to, followed by the mode bit that indicates the
current mode of operation, followed by the 10 bits of conversion data with MSB first and two trailing
zeros.
2
3
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on
the AD7912/AD7922 and framing the serial data transfer.
3
2
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock
input is also used as the clock source for the AD7912/AD7922’s conversion process.
4
1
DIN
Data In. Logic input. The channel to be converted is provided on this input and is clocked into an
internal register on the falling edge of SCLK.
6, 5
7, 8
VIN0, VIN1
Analog Inputs. These two single-ended analog input channels are multiplexed into the on-chip
track-and-hold amplifier. The analog input channel to be converted is selected by writing to the third
MSB on the DIN pin. The input range is 0 to VDD.
7
6
GND
Analog Ground. Ground reference point for all circuitry on the AD7912/AD7922. All analog input
signals should be referred to this GND voltage.
8
5
VDD
Power Supply Input. The VDD range for the AD7912/AD7922 is from 2.35 V to 5.25 V.


Numéro de pièce similaire - AD7912

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
More results

Description similaire - AD7912

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com