Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDC421100RGETG4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce CDC421100RGETG4
Description  FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDC421100RGETG4 Fiches technique(HTML) 6 Page - Texas Instruments

  CDC421100RGETG4 Datasheet HTML 1Page - Texas Instruments CDC421100RGETG4 Datasheet HTML 2Page - Texas Instruments CDC421100RGETG4 Datasheet HTML 3Page - Texas Instruments CDC421100RGETG4 Datasheet HTML 4Page - Texas Instruments CDC421100RGETG4 Datasheet HTML 5Page - Texas Instruments CDC421100RGETG4 Datasheet HTML 6Page - Texas Instruments CDC421100RGETG4 Datasheet HTML 7Page - Texas Instruments CDC421100RGETG4 Datasheet HTML 8Page - Texas Instruments CDC421100RGETG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.ti.com
CDC421xxx
SLAS540 – APRIL 2007
Table 5. Phase Noise Parameters With LVCMOS Input of 31.2500 MHz and LVPECL Output at 125.00 MHz
PARAMETER
MIN
TYP
MAX
UNIT
Phase Noise Specifications Under Following Conditions: fin = 31.2500 MHz, fout = 125.00 MHz
phn100
Phase noise at 100 Hz
–108
dBc/Hz
phn1K
Phase noise at 1 kHz
–118
dBc/Hz
phn10k
Phase noise at 10 kHz
–127
dBc/Hz
phn100k
Phase noise at 100 kHz
–130
dBc/Hz
phn1M
Phase noise at 1 MHz
–139
dBc/Hz
phn10M
Phase noise at 10 MHz
–147
dBc/Hz
phn20M
Phase noise at 20 MHz
–147
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
529
fs
Tj
Total jitter
47.47
ps
Dj
Deterministic jitter
25.2
ps
Table 6. Phase Noise Parameters With LVCMOS Input of 31.2500 MHz and LVPECL Output at 156.25 MHz
PARAMETER
MIN
TYP
MAX
UNIT
Phase Noise Specifications Under Following Conditions: fin = 31.2500 MHz, fout = 156.25 MHz
phn100
Phase noise at 100 Hz
–106
dBc/Hz
phn1K
Phase noise at 1 kHz
–117
dBc/Hz
phn10k
Phase noise at 10 kHz
–126
dBc/Hz
phn100k
Phase noise at 100 kHz
–128
dBc/Hz
phn1M
Phase noise at 1 MHz
–139
dBc/Hz
phn10M
Phase noise at 10 MHz
–147
dBc/Hz
phn20M
Phase noise at 20 MHz
–147
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
472
fs
Tj
Total jitter
31.54
ps
Dj
Deterministic jitter
9.12
ps
Table 7. Phase Noise Parameters With LVCMOS Input of 35.4167 MHz and LVPECL Output at 212.50 MHz
PARAMETER
MIN
TYP
MAX
UNIT
Phase Noise Specifications Under Following Conditions: fin = 35.4167 MHz, fout = 212.50 MHz
phn100
Phase noise at 100 Hz
–105
dBc/Hz
phn1K
Phase noise at 1 kHz
–115
dBc/Hz
phn10k
Phase noise at 10 kHz
–119
dBc/Hz
phn100k
Phase noise at 100 kHz
–123
dBc/Hz
phn1M
Phase noise at 1 MHz
–135
dBc/Hz
phn10M
Phase noise at 10 MHz
–148
dBc/Hz
phn20M
Phase noise at 20 MHz
–148
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
512
fs
Tj
Total jitter
33.96
ps
Dj
Deterministic jitter
13.78
ps
6
Submit Documentation Feedback


Numéro de pièce similaire - CDC421100RGETG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC421100RGET TI-CDC421100RGET Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
More results

Description similaire - CDC421100RGETG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Vanlong Technology Co.,...
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com