Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCFR83ADBQRG4 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCFR83ADBQRG4
Description  DIRECT RAMBUS CLOCK GENERATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCFR83ADBQRG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button CDCFR83ADBQRG4 Datasheet HTML 2Page - Texas Instruments CDCFR83ADBQRG4 Datasheet HTML 3Page - Texas Instruments CDCFR83ADBQRG4 Datasheet HTML 4Page - Texas Instruments CDCFR83ADBQRG4 Datasheet HTML 5Page - Texas Instruments CDCFR83ADBQRG4 Datasheet HTML 6Page - Texas Instruments CDCFR83ADBQRG4 Datasheet HTML 7Page - Texas Instruments CDCFR83ADBQRG4 Datasheet HTML 8Page - Texas Instruments CDCFR83ADBQRG4 Datasheet HTML 9Page - Texas Instruments CDCFR83ADBQRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
CDCFR83A
SCAS812 – AUGUST 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN TYP(2)
MAX
UNIT
VO(STOP)
Output voltage during CLK Stop (STOPB = 0)
See Figure 1
1.1
2
VO(X)
Output crossing-point voltage
See Figure 1 and Figure 6
1.3
1.8
V
VO
Output voltage swing
See Figure 1
0.4
0.6
V
VIK
Input clamp voltage
VDD = 3.135 V,
II = –18 mA
–1.2
V
See Figure 1
2
VOH
High-level output voltage
VDD = min to max,
IOH = –1 mA
VDD– 0.1
V
VDD = 3.135 V,
IOH = –16 mA
2.4
See Figure 1
1
VOL
Low-level output voltage
VDD = min to max,
IOH = 1 mA
0.1
V
VDD = 3.135 V,
IOH = 16 mA
0.5
VDD = 3.135 V,
VO = 1 V
–32
–52
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–51
mA
VDD = 3.465 V,
VO = 3.135 V
–14.5
–21
VDD = 3.135 V,
VO = 1.95 V
43
61.5
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
65
mA
VDD = 3.465 V,
VO = 0.4 V
25.5
36
IOZ
High-impedance-state output current
S0 = 0, S1 = 1
±10
µA
IOZ(STOP)
High-impedance-state output current
Stop = 0, VO = GND or VDD
±100
µA
during CLK stop
High-impedance-state output current in
IOZ(PD)
PWRDNB = 0, VO = GND or VDD
–10
100
µA
power-down state
REFCLK, PCLKM,
10
SYNCLKN, STOPB
High-level input
IIH
VDD = 3.465 V,
VI = VDD
µA
current
PWRDNB, S0, S1,
10
S2, MULT0, MULT1
REFCLK, PCLKM,
–10
SYNCLKN, STOPB
Low-level input
IIL
VDD = 3.465 V,
VI = 0
µA
current
PWRDNB, S0, S1,
–10
S2, MULT0, MULT1
High state
RI at IO– 14.5 mA to –16.5 mA
15
35
50
ZO
Output impedance
Low state
RI at IO 14.5 mA to 16.5 mA
11
17
35
PWRDNB = 0
50
µA
Reference current
VDDIR, VDDIPD
VDD = 3.465 V
PWRDNB = 1
0.5
mA
CI
Input capacitance
VI = VDD or GND
2
pF
CO
Output capacitance
VO = VDD or GND
3
pF
REFCLK = 0 MHz to 100 MHz,
IDD(PD)
Supply current in pwoer-down state
100
µA
PWDNB = 0, STOPB = 1
IDD(CLKSTOP) Supply current in CLK stop state
BUSCLK configured for 533 MHz
45
mA
IDD(NORMAL)
Supply current in normal state
BUSCLK = 533 MHz
100
mA
(1)
VDD refers to any of the following; VDD, VDDIPD, VDDIR, VDDO, VDDC, and VDDP
(2)
All typical values are at VDD = 3.3 V, TA = 25°C.
6


Numéro de pièce similaire - CDCFR83ADBQRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
More results

Description similaire - CDCFR83ADBQRG4

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI-CDCFR83 Datasheet
162Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83A TI-CDCR83A Datasheet
198Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83 TI-CDCR83 Datasheet
172Kb / 13P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com