Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCF2509PWR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCF2509PWR
Description  3.3V Phase-Lock Loop Clock Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF2509PWR Fiches technique(HTML) 1 Page - Texas Instruments

  CDCF2509PWR Datasheet HTML 1Page - Texas Instruments CDCF2509PWR Datasheet HTML 2Page - Texas Instruments CDCF2509PWR Datasheet HTML 3Page - Texas Instruments CDCF2509PWR Datasheet HTML 4Page - Texas Instruments CDCF2509PWR Datasheet HTML 5Page - Texas Instruments CDCF2509PWR Datasheet HTML 6Page - Texas Instruments CDCF2509PWR Datasheet HTML 7Page - Texas Instruments CDCF2509PWR Datasheet HTML 8Page - Texas Instruments CDCF2509PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CDCF2509
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS624C − APRIL 1999 − REVISED DECEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Use CDCVF2509A as a Replacement for
this Device
D Designed to Meet PC133 SDRAM
Registered DIMM Specification Rev. 0.9
D Spread Spectrum Clock Compatible
D Operating Frequency 25 MHz to 140 MHz
D Static Phase Error Distribution at 66 MHz to
133 MHz is
±125 ps
D Jitter (cyc−cyc) at 66 MHz to 133 MHz Is
|70| ps
D Available in Plastic 24-Pin TSSOP
D Phase-Lock Loop Clock Distribution for
Synchronous DRAM Applications
D Distributes One Clock Input to One Bank of
Five and One Bank of Four Outputs
D Separate Output Enable for Each Output
Bank
D External Feedback (FBIN) Terminal Is Used
to Synchronize the Outputs to the Clock
Input
D On-Chip Series Damping Resistors
D No External RC Network Required
D Operates at 3.3 V
description
The CDCF2509 is a high-performance, low-skew, low-jitter, phase-lock loop (PLL) clock driver. It uses a PLL
to precisely align, in both frequency and phase, the feedback (FBOUT) output to the clock (CLK) input signal.
It is specifically designed for use with synchronous DRAMs. The CDCF2509 operates at 3.3 V VCC. It also
provides integrated series-damping resistors that make it ideal for driving point-to-point loads.
One bank of five outputs and one bank of four outputs provide nine low-skew, low-jitter copies of CLK. Output
signal duty cycles are adjusted to 50%, independent of the duty cycle at CLK. Each bank of outputs is enabled
or disabled separately via the control (1G and 2G) inputs. When the G inputs are high, the outputs switch in
phase and frequency with CLK; when the G inputs are low, the outputs are disabled to the logic-low state.
Unlike many products containing PLLs, the CDCF2509 does not require external RC networks. The loop filter
for the PLL is included on-chip, minimizing component count, board space, and cost.
Because it is based on PLL circuitry, the CDCF2509 requires a stabilization time to achieve phase lock of the
feedback signal to the reference signal. This stabilization time is required following power up and application
of a fixed-frequency, fixed-phase signal at CLK, and following any changes to the PLL reference or feedback
signals. The PLL can be bypassed for test purposes by strapping AVCC to ground.
The CDCF2509 is characterized for operation from 0
°C to 85°C.
For application information refer to application reports High Speed Distribution Design Techniques for
CDC509/516/2509/2510/2516 (literature number SLMA003) and Using CDC2509A/2510A PLL with Spread
Spectrum Clocking (SSC) (literature number SCAA039).
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001 − 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
CLK
AVCC
VCC
2Y0
2Y1
GND
GND
2Y2
2Y3
VCC
2G
FBIN
1
2
3
4
5
6
7
8
9
10
11
12
AGND
VCC
1Y0
1Y1
1Y2
GND
GND
1Y3
1Y4
VCC
1G
FBOUT
24
23
22
21
20
19
18
17
16
15
14
13
PW PACKAGE
(TOP VIEW)


Numéro de pièce similaire - CDCF2509PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCF2509PWR TI-CDCF2509PWR Datasheet
139Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509PWR TI1-CDCF2509PWR Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509PWRG4 TI1-CDCF2509PWRG4 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Description similaire - CDCF2509PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510B TI1-CDC2510B_15 Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Texas Instruments
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDCF2510 TI1-CDCF2510_15 Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2536 TI1-CDC2536_14 Datasheet
490Kb / 15P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2509C ICST-ICS2509C Datasheet
248Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDC2509C TI1-CDC2509C_15 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com