Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDC2586 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce CDC2586
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2586 Fiches technique(HTML) 5 Page - Texas Instruments

  CDC2586 Datasheet HTML 1Page - Texas Instruments CDC2586 Datasheet HTML 2Page - Texas Instruments CDC2586 Datasheet HTML 3Page - Texas Instruments CDC2586 Datasheet HTML 4Page - Texas Instruments CDC2586 Datasheet HTML 5Page - Texas Instruments CDC2586 Datasheet HTML 6Page - Texas Instruments CDC2586 Datasheet HTML 7Page - Texas Instruments CDC2586 Datasheet HTML 8Page - Texas Instruments CDC2586 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
CDC2586
SCAS337D – FEBRUARY 1993 – REVISED APRIL 2004
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Clock input. CLKIN is the clock signal to be distributed by the CDC2586 clock-driver circuit. CLKIN
provides the reference signal to the integrated PLL that generates the clock output signals. CLKIN must
CLKIN
45
I
have a fixed frequency and fixed phase for the PLL to obtain phase lock. Once the circuit is powered
up and a valid CLKIN signal is applied, a stabilization time is required for the PLL to phase lock the
feedback signal to its reference signal.
CLR
40
I
CLR is used for testing purposes only.
Feedback input. FBIN provides the feedback signal to the internal PLL. FBIN must be hardwired to one
FBIN
48
I
of the 12 clock outputs to provide frequency and phase lock. The internal PLL adjusts the output clocks
to obtain zero phase delay between FBIN and CLKIN.
Output enable. OE is the output enable for all outputs. When OE is low, all outputs are enabled. When
OE is high, all outputs are in the high-impedance state. Since the feedback signal for the PLL is taken
OE
42
I
directly from an output, placing the outputs in the high-impedance state interrupts the feedback loop;
therefore, when a high-to-low transition occurs at OE, enabling the output buffers, a stabilization time is
required before the PLL obtains phase lock.
Output configuration select. SEL0 and SEL1 select the output configuration for each output bank (e.g.,
SEL1, SEL0
51, 50
I
1/2
×, 1×, or 2×) (see Table 1 and Table 2).
TEST is used to bypass the PLL circuitry for factory testing of the device. When TEST is low, all
TEST
41
I
outputs operate using the PLL circuitry. When TEST is high, the outputs are placed in a test mode that
bypasses the PLL circuitry. TEST should be strapped to GND for normal operation.
Output ports. These outputs are configured by the select inputs (SEL1, SEL0) to transmit one-half or
one-fourth the frequency of the VCO. The relationship between the CLKIN frequency and the output
1Y1-1Y3
2, 5, 8 12,
frequency is dependent on the select inputs and the frequency of the output being fed back to FBIN
2Y1-2Y3
15, 18 22,
O
(see Table 1 and Table 2). The duty cycle of the Y output signals is nominally 50%, independent of the
3Y1-3Y3
25, 28
duty cycle of CLKIN. Each output has an internal series resistor to dampen transmission-line effects
and improve the signal integrity at the load.
Output ports. 4Y1-4Y3 transmit one-half the frequency of the VCO regardless of the state of the select
inputs. The relationship between the CLKIN frequency and the output frequency is dependent on the
4Y1-4Y3
32, 35, 38
O
frequency of the output being fed back to FBIN (see Table 1 and Table 2). The duty cycle of the Y
output signals is nominally 50%, independent of the duty cycle of CLKIN. Each output has an internal
series resistor to dampen transmission-line effects and improve the signal integrity at the load.
over operating free-air temperature range (unless otherwise noted) (1)
UNIT
Supply voltage range, VCC
-0.5 V to 4.6 V
Input voltage range, VI
(2)
-0.5 V to 7 V
Voltage range applied to any output in the high state or power-off state, VO
(2)
-0.5 V to 5.5 V
Current into any output in the low state, IO
24 mA
Input clamp current, IIK(VI< 0)
-20 mA
Output clamp current, IOK(VO< 0)
-50 mA
Maximum power dissipation at TA = 55°C (in still air)
(3)
1.2 W
Storage temperature range, Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 75 mils. For
more information, see the Package Thermal Considerations application note in the ABT Advanced BiCMOS Technology Data Book,
literature number SCBD002.
5


Numéro de pièce similaire - CDC2586

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC2586 TI-CDC2586 Datasheet
165Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2586PAH TI-CDC2586PAH Datasheet
165Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - CDC2586

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com