Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDC924 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce CDC924
Description  133Mhz Clock Synthesizer/Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDC924 Fiches technique(HTML) 2 Page - Texas Instruments

  CDC924 Datasheet HTML 1Page - Texas Instruments CDC924 Datasheet HTML 2Page - Texas Instruments CDC924 Datasheet HTML 3Page - Texas Instruments CDC924 Datasheet HTML 4Page - Texas Instruments CDC924 Datasheet HTML 5Page - Texas Instruments CDC924 Datasheet HTML 6Page - Texas Instruments CDC924 Datasheet HTML 7Page - Texas Instruments CDC924 Datasheet HTML 8Page - Texas Instruments CDC924 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CDC924
133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3STATE OUTPUTS
SCAS607B − NOVEMBER 1998 − REVISED JULY 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Since the CDC924 is based on PLL circuitry, it requires a stabilization time to achieve phase lock of the PLL.
This stabilization time is required after power up or after changes to the SEL inputs are made. With use of an
external reference clock, this signal must be fixed-frequency and fixed-phase before the stabilization time starts.
function tables
SELECT FUNCTIONS
INPUTS
OUTPUTS
SEL133/
100
SEL1
SEL0
CPU
CPU_DIV2
3V66
PCI,
PCI_F
48MHz
REF
APIC
FUNCTION
L
L
L
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
3-state
L
L
H
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Reserved
L
H
L
100 MHz
50 MHz
66 MHz
33 MHz
Hi-Z
14.318 MHz
16.67 MHz
48-MHz PLL off
L
H
H
100 MHz
50 MHz
66 MHz
33 MHz
48 MHz
14.318 MHz
16.67 MHz
48-MHz PLL on
H
L
L
TCLK/2
TCLK/4
TCLK/4
TCLK/8
TCLK/2
TCLK
TCLK/16
Test
H
L
H
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Reserved
H
H
L
133 MHz
66 MHz
66 MHz
33 MHz
Hi-Z
14.318 MHz
16.67 MHz
48-MHz PLL off
H
H
H
133 MHz
66 MHz
66 MHz
33 MHz
48 MHz
14.318 MHz
16.67 MHz
48-MHz PLL on
ENABLE FUNCTIONS
INPUTS
OUTPUTS
INTERNAL
CPU_STOP
PWR_DWN
PCI_STOP
CPU
CPU_DIV2
APIC
3V66
PCI
PCI_F
REF,
48MHz
Crystal
VCOs
X
L
X
L
L
L
L
L
L
L
Off
Off
L
HL
L
On
On
L
L
On
On
On
On
L
HH
L
On
On
L
On
On
On
On
On
H
HL
On
On
On
On
L
On
On
On
On
H
H
H
On
On
On
On
On
On
On
On
On
OUTPUT BUFFER SPECIFICATIONS
BUFFER NAME
VDD RANGE
(V)
IMPEDANCE
(
Ω)
BUFFER TYPE
CPU, CPU_DIV2, APIC
2.375 − 2.625
13.5 − 45
TYPE 1
48MHz, REF
3.135 − 3.465
20 − 60
TYPE 3
PCI, PCI_F, 3V66
3.135 − 3.465
12 − 55
TYPE 5


Numéro de pièce similaire - CDC924

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC924 TI-CDC924 Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC924 TI-CDC924 Datasheet
182Kb / 13P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR
CDC924DL TI-CDC924DL Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
More results

Description similaire - CDC924

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
logo
Integrated Device Techn...
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
logo
Renesas Technology Corp
843S104I-133 RENESAS-843S104I-133 Datasheet
645Kb / 25P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
April 28, 2016
logo
Texas Instruments
CDC9842 TI1-CDC9842 Datasheet
105Kb / 7P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER
logo
Winbond
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
logo
Integrated Circuit Syst...
ICS9248-80 ICST-ICS9248-80 Datasheet
157Kb / 7P
   General Purpose 133MHz System Clock
logo
Renesas Technology Corp
ICS9248-80 RENESAS-ICS9248-80 Datasheet
423Kb / 8P
   General Purpose 133MHz System Clock
2019
logo
Cypress Semiconductor
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
logo
SpectraLinear Inc
CY2254A SPECTRALINEAR-CY2254A Datasheet
111Kb / 7P
   Pentium짰 Processor Compatible Clock Synthesizer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com