Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CBB136DP Fiches technique(PDF) 2 Page - Jianghai Europe GmbH

No de pièce CBB136DP
Description  Polypropylene Film Capacitors for DC-Link Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGHAI [Jianghai Europe GmbH]
Site Internet  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CBB136DP Fiches technique(HTML) 2 Page - Jianghai Europe GmbH

  CBB136DP Datasheet HTML 1Page - Jianghai Europe GmbH CBB136DP Datasheet HTML 2Page - Jianghai Europe GmbH CBB136DP Datasheet HTML 3Page - Jianghai Europe GmbH CBB136DP Datasheet HTML 4Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CBB 136 DP Series
Dimensions
ΦD±1
(mm)
H±1
(mm)
P1±1
(mm)
P2±1
(mm)
Terminal (mm)
Φd
(mm)
F Female
M Male
85
65
45
101
M6*10
order code “0”
M8*20
order code “3”
5.5
85
51
45
101
M6*10
order code “0”
M8*20
order code “3”
5.5
α = 45°C +/- 2°
Max. torque for terminals: 5 Nm (M6), 8 Nm (M8)
Max. torque for mounting screws: 3,5 Nm
Marking
No.
Item
1
Brand
2
Series Designation
3
Capacitance and Tolerance
4
UR Rated Voltage
5
UTC Voltage between Terminals and Case, Frequency
6
Temperature Range, Reference Standard
7
Safety Warning
8
Date Code
2016 v8.1


Numéro de pièce similaire - CBB136DP

FabricantNo de pièceFiches techniqueDescription
logo
Jianghai Europe GmbH
CBB136GDG JIANGHAI-CBB136GDG Datasheet
501Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
More results

Description similaire - CBB136DP

FabricantNo de pièceFiches techniqueDescription
logo
Jianghai Europe GmbH
CBB136GDG JIANGHAI-CBB136GDG Datasheet
501Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB131DL JIANGHAI-CBB131DL Datasheet
1Mb / 8P
   Polypropylene Film Capacitors for DC-Link Applications
CBB138DS JIANGHAI-CBB138DS Datasheet
404Kb / 4P
   Polypropylene Film Capacitors for DC-Link Application
logo
Cornell Dubilier Electr...
947C CDE-947C Datasheet
316Kb / 8P
   Polypropylene, DC Link Capacitors
logo
Jianghai Europe GmbH
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161GIG JIANGHAI-CBB161GIG Datasheet
478Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161IL JIANGHAI-CBB161IL Datasheet
548Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
CBB165IS JIANGHAI-CBB165IS Datasheet
537Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
logo
Cornell Dubilier Electr...
944U101K801AA CDE-944U101K801AA Datasheet
471Kb / 4P
   Polypropylene Film Capacitors for DC Filtering
logo
Vishay Siliconix
MKP1848CDCLINK VISHAY-MKP1848CDCLINK Datasheet
191Kb / 20P
   Metallized Polypropylene Film Capacitor DC-Link Capacitor
Revision: 21-Sep-15
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com