Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HCT245MG4 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce CD74HCT245MG4
Description  High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT245MG4 Fiches technique(HTML) 2 Page - Texas Instruments

  CD74HCT245MG4 Datasheet HTML 1Page - Texas Instruments CD74HCT245MG4 Datasheet HTML 2Page - Texas Instruments CD74HCT245MG4 Datasheet HTML 3Page - Texas Instruments CD74HCT245MG4 Datasheet HTML 4Page - Texas Instruments CD74HCT245MG4 Datasheet HTML 5Page - Texas Instruments CD74HCT245MG4 Datasheet HTML 6Page - Texas Instruments CD74HCT245MG4 Datasheet HTML 7Page - Texas Instruments CD74HCT245MG4 Datasheet HTML 8Page - Texas Instruments CD74HCT245MG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Functional Diagram
18
17
16
15
13
11
12
14
2
B0
B1
B2
B3
B4
B5
B6
B7
OE
DIR
1
19
4
9
3
5
6
7
8
A0
A1
A2
A3
A4
A5
A6
A7
TRUTH TABLE
CONTROL INPUTS
OPERATION
OE
DIR
L
L
B Data to A Bus
L
H
A Data to B Bus
H
X
Isolation
H = High Level, L = Low Level, X = Irrelevant
To prevent excess currents in the High-Z (Isolation) modes all I/O
terminals should be terminated with 10k
Ω to 1MΩ resistors.
CD54HC245, CD74HC245, CD54HCT245, CD74HCT245
CD54HC245, CD74HC245, CD54HCT245, CD74HCT245


Numéro de pièce similaire - CD74HCT245MG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HCT245M TI-CD74HCT245M Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HCT245M TI-CD74HCT245M Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HCT245M96 TI-CD74HCT245M96 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HCT245M96E4 TI-CD74HCT245M96E4 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HCT245ME4 TI-CD74HCT245ME4 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
More results

Description similaire - CD74HCT245MG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
[Old version datasheet]   Octal-Bus Transceiver Three-State, Non-Inverting
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
   Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
   Octal Bus Transceiver Three-State, Non-Inverting
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com