Moteur de recherche de fiches techniques de composants électroniques |
|
CD74HC08E Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
CD74HC08E Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 15 page PACKAGE OPTION ADDENDUM www.ti.com 10-Jun-2014 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-8683101CA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8683101CA CD54HCT00F3A CD54HC00F ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 CD54HC00F CD54HC00F3A ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 8403701CA CD54HC00F3A CD54HCT00F ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 CD54HCT00F CD54HCT00F3A ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8683101CA CD54HCT00F3A CD74HC00E ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD74HC00E CD74HC00EE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD74HC00E CD74HC00M ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 HC00M CD74HC00M96 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 HC00M CD74HC00M96E4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 HC00M CD74HC00M96G4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 HC00M CD74HC00ME4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 HC00M CD74HC00MT ACTIVE SOIC D 14 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 HC00M CD74HCT00E ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD74HCT00E CD74HCT00EE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD74HCT00E CD74HCT00M ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 HCT00M CD74HCT00M96 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 HCT00M |
Numéro de pièce similaire - CD74HC08E |
|
Description similaire - CD74HC08E |