Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HC245 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce CD54HC245
Description  High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC245 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button CD54HC245_16 Datasheet HTML 2Page - Texas Instruments CD54HC245_16 Datasheet HTML 3Page - Texas Instruments CD54HC245_16 Datasheet HTML 4Page - Texas Instruments CD54HC245_16 Datasheet HTML 5Page - Texas Instruments CD54HC245_16 Datasheet HTML 6Page - Texas Instruments CD54HC245_16 Datasheet HTML 7Page - Texas Instruments CD54HC245_16 Datasheet HTML 8Page - Texas Instruments CD54HC245_16 Datasheet HTML 9Page - Texas Instruments CD54HC245_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Test Circuits and Waveforms
FIGURE 1. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 3. HC THREE-STATE PROPAGATION DELAY
WAVEFORM
FIGURE 4. HCT THREE-STATE PROPAGATION DELAY
WAVEFORM
NOTE:
Open drain waveforms tPLZ and tPZL are the same as those for three-state shown on the left. The test circuit is Output RL =1kΩ to
VCC, CL = 50pF.
FIGURE 5. HC AND HCT THREE-STATE PROPAGATION DELAY TEST CIRCUIT
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
50%
10%
90%
GND
VCC
10%
90%
50%
50%
OUTPUT
DISABLE
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUTS
ENABLED
6ns
6ns
tPZH
tPHZ
tPZL
tPLZ
0.3
2.7
GND
3V
10%
90%
1.3V
1.3V
OUTPUT
DISABLE
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUTS
ENABLED
tr
6ns
tPZH
tPHZ
tPZL
tPLZ
6ns
tf
1.3
IC WITH
THREE-
STATE
OUTPUT
OTHER
INPUTS
TIED HIGH
OR LOW
OUTPUT
DISABLE
VCC FOR tPLZ AND tPZL
GND FOR tPHZ AND tPZH
OUTPUT
RL = 1kΩ
CL
50pF
CD54HC245, CD74HC245, CD54HCT245, CD74HCT245
CD54HC245, CD74HC245, CD54HCT245, CD74HCT245


Numéro de pièce similaire - CD54HC245_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC245F TI-CD54HC245F Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245F TI-CD54HC245F Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245F3A TI-CD54HC245F3A Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
More results

Description similaire - CD54HC245_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
[Old version datasheet]   Octal-Bus Transceiver Three-State, Non-Inverting
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
   Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
   Octal Bus Transceiver Three-State, Non-Inverting
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com