Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM388AAARD21FP Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce DM388AAARD21FP
Description  DaVinci Digital Media Processor
Download  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DM388AAARD21FP Fiches technique(HTML) 1 Page - Texas Instruments

  DM388AAARD21FP Datasheet HTML 1Page - Texas Instruments DM388AAARD21FP Datasheet HTML 2Page - Texas Instruments DM388AAARD21FP Datasheet HTML 3Page - Texas Instruments DM388AAARD21FP Datasheet HTML 4Page - Texas Instruments DM388AAARD21FP Datasheet HTML 5Page - Texas Instruments DM388AAARD21FP Datasheet HTML 6Page - Texas Instruments DM388AAARD21FP Datasheet HTML 7Page - Texas Instruments DM388AAARD21FP Datasheet HTML 8Page - Texas Instruments DM388AAARD21FP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
DM385 and DM388 DaVinci™ Digital Media Processor
Check for Samples: DM385, DM388
1
High-Performance System-on-Chip (SoC)
1.1
Features
1234
• High-Performance DaVinci Digital Media
• Programmable High-Definition Video Image
Processors
Coprocessing (HDVICP v2) Engine
– Up to 1000-MHz ARM® Cortex™-A8 RISC
– Encode, Decode, Transcode Operations
Processor
– H.264 BP/MP/HP, MPEG-2, VC-1, MPEG-4
– Up to 2000 ARM Cortex-A8 MIPS
SP/ASP, JPEG/MJPEG
• ARM Cortex-A8 Core
– Fourth-Generation Motion-Compensated
Noise Filter (DM388 Only)
– ARMv7 Architecture
• Media Controller
In-Order, Dual-Issue, Superscalar
Processor Core
– Controls the HDVPSS, HDVICP2, and ISS
NEON™ Multimedia Architecture
• Endianness
Supports Integer and Floating Point
– ARM Instructions and Data – Little Endian
Jazelle® RCT Execution Environment
• HD Video Processing Subsystem (HDVPSS)
• ARM Cortex-A8 Memory Architecture
– Two 165-MHz HD Video Capture Inputs
– 32KB of Instruction and Data Caches
One 16- or 24-Bit Input, Splittable Into
Dual 8-Bit SD Capture Ports
– 256KB of L2 Cache with ECC
One 8-, 16-, or 24-Bit HD Input and 8-Bit
– 64KB of RAM, 48KB of Boot ROM
SD Input Capture Port
• 256KB of On-Chip Memory Controller (OCMC)
– Two 165-MHz HD Video Display Outputs
RAM
One 16-, 24-, or 30-Bit and One 16- or 24-
• Imaging Subsystem (ISS)
Bit Output
– Camera Sensor Connection
– Component HD Analog Output
Parallel Connection for Raw (up to 16-Bit)
– Composite Analog Output
and BT.656/BT.1120 (8- or 16-Bit)
– Digital HDMI 1.3 Transmitter with Integrated
CSI2 Serial Connection
PHY
– Image Sensor Interface (ISIF) for Handling
– Advanced Video Processing Features Such
Image and Video Data From the Camera
as Scan, Format, and Rate Conversion
Sensor
– Three Graphics Layers and Compositors
– Image Pipe Interface (IPIPEIF) for Image and
Video Data Connection Between Camera
• 32-Bit DDR2, DDR3, and DDR3L SDRAM
Sensor, ISIF, IPIPE, and DRAM
Interface
– Image Pipe (IPIPE) for Real-Time Image and
– Supports up to 400 MHz for DDR2, 533 MHz
Video Processing
for DDR3, and 533 MHz for DDR3L
– Resizer
– Up to Two x 16 Devices, 2GB of Total
Address Space
Resizing Image and Video From 1/16x to
8x
– Dynamic Memory Manager (DMM)
Generating Two Different Resizing
Programmable Multi-Zone Memory
Outputs Concurrently
Mapping
Hardware 3A Engine (H3A) for Generating
Enables Efficient 2D Block Accesses
Key Statistics for 3A (AE, AWB, and AF)
Supports Tiled Objects in 0°, 90°, 180°, or
Control
270° Orientation and Mirroring
• Face Detect (FD) Engine
– Hardware Face Detection for up to 35 Faces
Per Frame
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Device/BIOS, XDS are trademarks of Texas Instruments.
3
Skype is a trademark of Skype.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Numéro de pièce similaire - DM388AAARD21FP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DM388 TI1-DM388 Datasheet
2Mb / 280P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
More results

Description similaire - DM388AAARD21FP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI-DM385_15 Datasheet
1Mb / 281P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
DM385 TI1-DM385 Datasheet
2Mb / 280P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com