Moteur de recherche de fiches techniques de composants électroniques |
|
CD4541BNSR Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
CD4541BNSR Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 18 page 2 Functional Diagram FREQUENCY SELECTION TABLE TRUTH TABLE 12 13 1 2 3 5 6 10 9 A B RTC CTC RS AR MR MODE Q/Q SELECT 8 Q VDD = PIN 14 VSS = PIN 7 N P N P 12 13 †A †B 8-STAGE COUNTER 1 OF 3 MUX OSC 3 2 1 †RS †CTC †RTC R R PWR ON RESET 6 5 MANUAL RESET† R 210 213 216 OR 28 8 Q R 10 †MODE VDD = 14 VSS = 7 NC = 4, 11 9 †Q/Q SELECT VSS VDD 8-STAGE COUNTER † All inputs are protected by CMOS Protection Network. FIGURE 1. AB NO. OF STAGES N COUNT 2N 0 0 13 8192 0 1 10 1024 1 0 8 256 1 1 16 65536 PIN STATE 01 5 Auto Reset On Auto Reset Disable 6 Master Reset Off Master Reset On 9 Output Initially Low After Reset (Q) Output Initially High After Reset (Q) 10 Single Transition Mode Recycle Mode FIGURE 2. RC OSCILLATOR CIRCUIT RS 3 CTC RTC 2 1 INTERNAL RESET TO CLOCK CKT CD4541B |
Numéro de pièce similaire - CD4541BNSR |
|
Description similaire - CD4541BNSR |