Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74SSTVF16859 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74SSTVF16859
Description  13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTVF16859 Fiches technique(HTML) 1 Page - Texas Instruments

  SN74SSTVF16859 Datasheet HTML 1Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 2Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 3Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 4Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 5Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 6Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 7Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 8Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN74SSTVF16859
13BIT TO 26BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES429B − MARCH 2003 − REVISED FEBRUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
 Family
D Operates at 2.3 V to 2.7 V for PC1600,
PC2100, and PC2700
D Operates at 2.5 V to 2.7 V for PC3200 (QFN
Package)
D Pinout and Functionality Compatible With
JEDEC Standard SSTV16859
D 600 ps Faster (Simultaneous Switching)
Than the JEDEC Standard SSTV16859 in
PC2700 DIMM Applications
D 1-to-2 Outputs to Support Stacked DDR
DIMMs
D Output Edge-Control Circuitry Minimizes
Switching Noise in an Unterminated Line
D Outputs Meet SSTL_2 Class I
Specifications
D Supports SSTL_2 Data Inputs
D Differential Clock (CLK and CLK) Inputs
D Supports LVCMOS Switching Levels on the
RESET Input
D RESET Input Disables Differential Input
Receivers, Resets All Registers, and
Forces All Outputs Low
D Pinout Optimizes DIMM PCB Layout
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
This 13-bit to 26-bit registered buffer is designed for 2.3-V to 2.7-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGQ
(Tin-Pb Finish)
Tape and reel
SN74SSTVF16859SR
SSF859
0
°C to 70°C
QFN − RGQ
(Matte-Tin Finish)
Tape and reel
SN74SSTVF16859S8
SSF859
TSSOP − DGG
Tape and reel
SN74SSTVF16859GR
SSTVF16859
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Widebus is a trademark of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Q13A
Q12A
Q11A
Q10A
Q9A
VDDQ
GND
Q8A
Q7A
Q6A
Q5A
Q4A
Q3A
Q2A
GND
Q1A
Q13B
VDDQ
Q12B
Q11B
Q10B
Q9B
Q8B
Q7B
Q6B
GND
VDDQ
Q5B
Q4B
Q3B
Q2B
Q1B
VDDQ
GND
D13
D12
VCC
VDDQ
GND
D11
D10
D9
GND
D8
D7
RESET
GND
CLK
CLK
VDDQ
VCC
VREF
D6
GND
D5
D4
D3
GND
VDDQ
VCC
D2
D1
GND
VDDQ
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Numéro de pièce similaire - SN74SSTVF16859

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859G4R TI-SN74SSTVF16859G4R Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859G4R TI1-SN74SSTVF16859G4R Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859GR TI-SN74SSTVF16859GR Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results

Description similaire - SN74SSTVF16859

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_17 Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Integrated Device Techn...
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859_07 Datasheet
80Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVN16859 IDT-IDT74SSTVN16859 Datasheet
65Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com