Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC1232LCN Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce DAC1232LCN
Description  DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1232LCN Fiches technique(HTML) 3 Page - Texas Instruments

  DAC1232LCN Datasheet HTML 1Page - Texas Instruments DAC1232LCN Datasheet HTML 2Page - Texas Instruments DAC1232LCN Datasheet HTML 3Page - Texas Instruments DAC1232LCN Datasheet HTML 4Page - Texas Instruments DAC1232LCN Datasheet HTML 5Page - Texas Instruments DAC1232LCN Datasheet HTML 6Page - Texas Instruments DAC1232LCN Datasheet HTML 7Page - Texas Instruments DAC1232LCN Datasheet HTML 8Page - Texas Instruments DAC1232LCN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
(Notes 1 and 2)
Supply Voltage (VCC)17 VDC
Voltage at Any Digital Input
VCC to GND
Voltage at VREF Input
g
25V
Storage Temperature Range
b
65 Cto a150 C
Package Dissipation at TAe25 C
500 mW
(Note 3)
DC Voltage Applied to IOUT1 or IOUT2
(Note 4)
b
100 mV to VCC
ESD Susceptability
800V
Operating Conditions
Lead Temperature (Soldering 10 sec)
300 C
Temperature Range
TMIN s TA s TMAX
DAC1208LCJ DAC1209LCJ
DAC1210LCJ DAC1230LCJ
DAC1231LCJ DAC1232LCJ
DAC1231LIN DAC1232LIN
b
40 C s TA s a85 C
DAC1208LCJ-1 DAC1210LCJ-1
DAC1230LCJ-1 DAC1231LCJ-1
DAC1232LCJ-1 DAC1231LCN
DAC1232LCN DAC1231LCWM
DAC1232LCWM
0 C s TA s a70 C
Range of VCC
475 VDC to 16 VDC
Voltage at Any Digital Input
VCC to GND
Electrical Characteristics
VREFe10000 VDC VCCe114 VDC to 1575 VDC unless otherwise noted Boldface limits apply from TMIN to TMAX (see
Note 13)
all other limits TA e TJ e 25 C
Typ
Tested
Design
Parameter
Conditions
Notes
(Note 10)
Limit
Limit
Units
(Note 5)
(Note 6)
Resolution
12
12
12
Bits
Linearity Error
Zero and Full-Scale
4 7 13
(End Point Linearity)
Adjusted
DAC1208 DAC1230
g
0018
g
0018
%ofFSR
DAC1209 DAC1231
g
0024
g
0024
%ofFSR
DAC1210 DAC1232
g
0050
g
005
%ofFSR
Differential Non-Linearity
Zero and Full-Scale
4 7 13
Adjusted
DAC1208 DAC1230
g
0018
g
0018
%ofFSR
DAC1209 DAC1231
g
0024
g
0024
%ofFSR
DAC1210 DAC1232
g
0050
g
005
%ofFSR
Monotonicity
4
12
12
12
Bits
Gain Error (Min)
Using Internal RFb
7
b
01
00
% of FSR
Gain Error (Max)
Vref e g10V g1V
7
b
01
b
02
% of FSR
Gain Error Tempco
7
g
13
g
60
ppm of FS C
Power Supply Rejection
All Digital Inputs
7
g
30
g
30
ppm of FSRV
Latched High
Reference Input Resistance (Min)
13
15
10
10
kX
Reference Input Resistance (Max)
15
20
20
Output Feedthrough Error
VREFe20 Vp-p fe100 kHz
All Data Inputs Latched
9
30
mVp-p
Low
Output Capacitance
All Data Inputs
IOUT1
200
pF
Latched High
IOUT2
70
pF
All Data Inputs
IOUT1
70
pF
Latched Low
IOUT2
200
pF
Supply Current Drain
13
20
25
mA
Output Leakage Current
IOUT1
All Data Inputs Latched
11 13
01
15
15
nA
Low
IOUT2
All Data Inputs Latched
11 13
01
15
15
nA
High
Digital Input Threshold
Low Threshold
13
08
08
VDC
High Threshold
13
22
22
VDC
Digital Input Currents
Digital Inputs k08V
13
b
200
b
200
m
ADC
Digital Inputs l22V
13
10
10
m
ADC
2


Numéro de pièce similaire - DAC1232LCN

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC1232LCN NSC-DAC1232LCN Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC1232LCN NSC-DAC1232LCN Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
More results

Description similaire - DAC1232LCN

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
DAC1208 NSC-DAC1208 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC0830 NSC-DAC0830 Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
ADC1205 NSC-ADC1205 Datasheet
327Kb / 18P
   12-Bit Plus Sign mP Compatible A/D Converters
DAC1006 NSC-DAC1006 Datasheet
369Kb / 22P
   uP Compatible, Double-Buffered D to A Converters
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
logo
Texas Instruments
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
[Old version datasheet]   DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
NXP Semiconductors
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
   10-Bit mP-compatible D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com