Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC1232LCJ Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce DAC1232LCJ
Description  DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1232LCJ Fiches technique(HTML) 8 Page - Texas Instruments

Back Button DAC1232LCJ Datasheet HTML 4Page - Texas Instruments DAC1232LCJ Datasheet HTML 5Page - Texas Instruments DAC1232LCJ Datasheet HTML 6Page - Texas Instruments DAC1232LCJ Datasheet HTML 7Page - Texas Instruments DAC1232LCJ Datasheet HTML 8Page - Texas Instruments DAC1232LCJ Datasheet HTML 9Page - Texas Instruments DAC1232LCJ Datasheet HTML 10Page - Texas Instruments DAC1232LCJ Datasheet HTML 11Page - Texas Instruments DAC1232LCJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Application Hints (Continued)
11 Automatic Transfer
The 12-bit DAC word is automatically transferred to the DAC register and the R-2R ladder when the second write (the 4 LSBs of
the data) occurs
TLH5690 – 7
12 Independent Processor Transfer Control
In this case a separate address is decoded to provide the XFER signal This allows the processor to load the next required DAC
word but not change the analog output until some time later most useful for the simultaneous updating of several DACs in a
system where their XFER lines would be tied together
TLH5690 – 8
13 Transfer via an External Strobe
This method is basically the same as the previous operation except the XFER signal is provided by a device other than the
processor This allows the DAC to hold the code for a conditional analog output signal which will be required on demand from an
external monitoring device (an analog voltage comparator for instance)
WR2 tied to a logic low (0V)
TLH5690 – 9
7


Numéro de pièce similaire - DAC1232LCJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC1232LCJ NSC-DAC1232LCJ Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC1232LCJ NSC-DAC1232LCJ Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
DAC1232LCJ-1 NSC-DAC1232LCJ-1 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC1232LCJ-1 NSC-DAC1232LCJ-1 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
More results

Description similaire - DAC1232LCJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
DAC1208 NSC-DAC1208 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC0830 NSC-DAC0830 Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
ADC1205 NSC-ADC1205 Datasheet
327Kb / 18P
   12-Bit Plus Sign mP Compatible A/D Converters
DAC1006 NSC-DAC1006 Datasheet
369Kb / 22P
   uP Compatible, Double-Buffered D to A Converters
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
logo
Texas Instruments
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
[Old version datasheet]   DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
NXP Semiconductors
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
   10-Bit mP-compatible D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com